Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACTQ16245MTD Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74ACTQ16245MTD
Descripción Electrónicos  16-Bit Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16245MTD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ16245MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16245MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16245MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16245MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16245MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16245MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16245MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V.
Extended AC Electrical Characteristics
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V.
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-
to-LOW (tOST).
Note 11: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 12: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 13: 3-STATE delays are load dominated and have been excluded from the datasheet.
Note 14: The Output Disable Time is dominated by the RC network (500
Ω, 250 pF) on the output and has been excluded from the datasheet.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.2
5.7
8.4
3.2
9.0
ns
tPHL
An, Bn to Bn, An
5.02.6
5.17.9
2.68.4
tPZH
Output Enable
5.0
3.7
6.4
9.4
2.7
10.0
ns
tPZL
Time
5.0
4.1
7.4
10.5
3.4
11.6
tPHZ
Output Disable
5.0
2.2
5.4
8.7
2.2
9.3
ns
tPLZ
Time
5.02.0
5.28.2
2.08.8
TA = −40°C to +85°C
CL = 50 pF
TA = −40°C to +85°C
Symbol
Parameter
VCC
16 Outputs Switching
CL = 250 pF
Units
(V)
(Note 11)
(Note 12)
(Note 9)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
4.2
11.9
5.9
14.6
ns
tPHL
Data to Output
5.0
3.5
9.9
5.0
13.4
tPZH
Output Enable Time
5.0
4.5
11.4
(Note 13)
ns
tPZL
5.0
4.4
12.2
tPHZ
Output Disable Time
5.0
3.5
9.3
(Note 14)
ns
tPZL
5.0
3.1
8.8
tOSHL
Pin to Pin Skew
5.0
1.2
ns
(Note 10)
HL Data to Output
tOSLH
Pin to Pin Skew
5.0
1.3
ns
(Note 10)
LH Data to Output
tOST
Pin to Pin Skew
5.0
3.0
ns
(Note 10)
LH/HL Data to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Pin Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
25
pF
VCC = 5.0V


Número de pieza similar - 74ACTQ16245MTD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACTQ16245MTD FAIRCHILD-74ACTQ16245MTD Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
More results

Descripción similar - 74ACTQ16245MTD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com