Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH245WMX Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74ALVCH245WMX
Descripción Electrónicos  Low Voltage Bidirectional Transceiver with Bushold
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVCH245WMX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ALVCH245WMX Datasheet HTML 1Page - Fairchild Semiconductor 74ALVCH245WMX Datasheet HTML 2Page - Fairchild Semiconductor 74ALVCH245WMX Datasheet HTML 3Page - Fairchild Semiconductor 74ALVCH245WMX Datasheet HTML 4Page - Fairchild Semiconductor 74ALVCH245WMX Datasheet HTML 5Page - Fairchild Semiconductor 74ALVCH245WMX Datasheet HTML 6Page - Fairchild Semiconductor 74ALVCH245WMX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500648
www.fairchildsemi.com
September 2001
Revised February 2002
74ALVCH245
Low Voltage Bidirectional Transceiver with Bushold
General Description
The ALVCH245 contains eight non-inverting bidirectional
buffers with 3-STATE outputs and is intended for bus ori-
ented applications. The T/R input determines the direction
of data flow. The OE input disables both the A and B Ports
by placing them in a high impedance state. The ALVCH245
data inputs include active bushold circuitry, eliminating the
need for external pull-up resistors to hold unused or float-
ing data inputs at a valid logic level.
The 74ALVCH245 is designed for low voltage (1.65V to
3.6V) VCC applications.
The 74ALVCH245 is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Features
s 1.65V to 3.6V VCC supply operation
s Bushold on data inputs eliminates the need for external
pull-up/pull-down resistors
s tPD
3.6 ns max for 3.0V to 3.6V VCC
4.2 ns max for 2.3V to 2.7V VCC
6 ns max for 1.65V to 1.95V VCC
s Uses patented Quiet Series noise/EMI reduction
circuitry
s Latchup conforms to JEDEC JED78
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Quiet Series
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ALVCH245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ALVCH245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE
Output Enable Input (Active LOW)
T/R
Transmit/Receive Input
A0–A7
Side A Bushold Inputs or 3-STATE Outputs
B0–B7
Side B Bushold Inputs or 3-STATE Outputs


Número de pieza similar - 74ALVCH245WMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

Descripción similar - 74ALVCH245WMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
81Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245 FAIRCHILD-74LCXH245 Datasheet
197Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74LCXH32245 FAIRCHILD-74LCXH32245 Datasheet
177Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com