Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F113SJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74F113SJ
Descripción Electrónicos  Dual JK Negative Edge-Triggered Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F113SJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F113SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F113SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F113SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F113SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F113SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F113SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
85
105
80
MHz
tPLH
Propagation Delay
2.0
4.0
6.0
2.0
7.0
ns
tPHL
CPn to Qn or Qn
2.0
4.0
6.0
2.0
7.0
tPLH
Propagation Delay
2.0
4.5
6.5
2.0
7.5
ns
tPHL
SDn to Qn or Qn
2.0
4.5
6.5
2.0
7.5
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.0
5.0
ns
tS(L)
Jn or Kn to CPn
3.0
3.5
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
Jn or Kn to CPn
00
tW(H)
CPn Pulse Width
4.5
5.0
ns
tW(L)
HIGH or LOW
4.5
5.0
tW(L)
SDn Pulse Width, LOW
4.5
5.0
ns
tREC
SDn to CPn
4.0
5.0
ns
Recovery Time


Número de pieza similar - 74F113SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F113 PHILIPS-74F113 Datasheet
81Kb / 10P
   Dual J-K negative edge-triggered flip-flops without reset
1991 Feb 14
More results

Descripción similar - 74F113SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Hitachi Semiconductor
HD74AC112 HITACHI-HD74AC112 Datasheet
59Kb / 10P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN5474LS114A MOTOROLA-SN5474LS114A Datasheet
149Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN74LS113A MOTOROLA-SN74LS113A Datasheet
88Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com