Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74F158ASC Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
74F158ASC Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 5 page © 1999 Fairchild Semiconductor Corporation DS009484 www.fairchildsemi.com April 1988 Revised July 1999 74F158A Quad 2-Input Multiplexer General Description The F158A is a high speed quad 2-input multiplexer. It selects four bits of data from two sources using the com- mon Select and Enable inputs. The four outputs present the selected data in the inverted form. The F158A can also generate any four of the 16 different functions of two vari- ables. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Logic Symbols IEEE/IEC Connection Diagram Order Number Package Number Package Description 74F158ASC M16A 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 74F158ASJ M16D 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74F158APC N16E 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide |
Número de pieza similar - 74F158ASC |
|
Descripción similar - 74F158ASC |