Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5261B Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

No. de pieza 1N5261B
Descripción Electrónicos  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Página de inicio  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

1N5261B Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  1N5261B Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N5261B Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N5261B Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
1N5261B
1N5262B
1N5263B
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
56
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
900
1000
1100
1300
100
100
75
75
50
25
15
10
5.0
5.0
5.0
5.0
5.0
5.0
3.0
3.0
3.0
3.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
3.5
4.0
5.0
6.0
6.5
6.5
7.0
8.0
8.4
9.1
9.9
10
11
12
13
14
14
15
17
18
19
21
21
23
25
27
30
33
36
39
43
191
182
168
162
151
138
126
115
106
97
89
81
76
73
67
61
55
52
50
45
41
38
35
32
30
28
27
25
24
23
21.2
19.1
18.2
16.8
16.2
15.1
13.8
12.6
11.5
10.6
9.7
8.9
8.1
Device Type
Nominal
Zener
Voltage
Vz@IZT
(Volts)
Test
Current
IZT
(mA)
Maximum Zener
Impedance
ZZT@IZT
ZZK@IZK=0.25mA
Maximum
Regulator
Current
IZM
Maximum Reverse
Leakage Current
µA
Typical
Temperature
Coefficient
(%/ C)
mA
IR
@VR
Volts
30
30
30
30
29
28
24
23
22
19
17
11
7
7
5
6
8
8
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
150
125
150
-0.085
-0.085
-0.080
-0.080
-0.075
-0.070
-0.065
-0.060
+0.055
+0.030
+0.030
+0.038
+0.038
+0.045
+0.050
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.085
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091
+0.091
+0.092
+0.093
+0.094
+0.095
+0.095
+0.096
+0.096
Ohms
Ohms
Note 1: Suffix “B” indicate +5% tolerance
MDD ELECTRONIC


Número de pieza similar - 1N5261B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5261B VISHAY-1N5261B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Shenzhen Luguang Electr...
1N5261B LUGUANG-1N5261B Datasheet
1Mb / 3P
   Zener Diodes
logo
Yangzhou yangjie electr...
1N5261B YANGJIE-1N5261B Datasheet
285Kb / 5P
   Zener Diodes
logo
Pan Jit International I...
1N5261B PANJIT-1N5261B Datasheet
81Kb / 3P
   SILICON ZENER DIODES
logo
Fairchild Semiconductor
1N5261B FAIRCHILD-1N5261B Datasheet
142Kb / 4P
   Zener Diodes
More results

Descripción similar - 1N5261B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com