Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F181PC Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74F181PC
Descripción Electrónicos  4-Bit Arithmetic Logic Unit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F181PC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F181PC Datasheet HTML 1Page - Fairchild Semiconductor 74F181PC Datasheet HTML 2Page - Fairchild Semiconductor 74F181PC Datasheet HTML 3Page - Fairchild Semiconductor 74F181PC Datasheet HTML 4Page - Fairchild Semiconductor 74F181PC Datasheet HTML 5Page - Fairchild Semiconductor 74F181PC Datasheet HTML 6Page - Fairchild Semiconductor 74F181PC Datasheet HTML 7Page - Fairchild Semiconductor 74F181PC Datasheet HTML 8Page - Fairchild Semiconductor 74F181PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Note 1: OC-Open Collector
Functional Description
The 74F181 is a 4-bit high-speed parallel Arithmetic Logic
Unit (ALU). Controlled by the four Function Select inputs
(S0–S3) and the Mode Control input (M), it can perform all
the 16 possible logic operations or 16 different arithmetic
operations on Active HIGH or Active LOW operands. The
Function Table lists these operations.
When the Mode Control input (M) is HIGH, all internal car-
ries are inhibited and the device performs logic operations
on the individual bits as listed. When the Mode Control
input is LOW, the carries are enabled and the device per-
forms arithmetic operations on the two 4-bit words. The
device incorporates full internal carry lookahead and pro-
vides for either ripple carry between devices using the
Cn + 4 output, or for carry lookahead between packages
using the signals P (Carry Propagate) and G (Carry Gener-
ate). In the Add mode, P indicates that F is 15 or more,
while G indicates that F is 16 or more. In the Subtract mode
P indicates that F is zero or less, while G indicates that F is
less than zero. P and G are not affected by carry in. When
speed requirements are not stringent, the 74F181 can be
used in a simple Ripple Carry mode by connecting the
Carry output (Cn+4) signal to the Carry input (Cn) of the
next unit. For high speed operation the device is used in
conjunction with a carry lookahead circuit. One carry looka-
head package is required for each group of four 74F181
devices. Carry lookahead can be provided at various levels
and offers high speed capability over extremely long word
lengths.
The A
= B output from the device goes HIGH when all four
F outputs are HIGH and can be used to indicate logic
equivalence over four bits when the unit is in the Subtract
mode. The A
= B output is open collector and can be wired
AND with other A
= B outputs to give a comparison for
more than four bits. The A
= B signal can also be used with
the Cn+4 signal to indicate A > B and A < B.
The Function Table lists the arithmetic operations that are
performed without a carry in. An incoming carry adds a one
to each operation. Thus, select code LHHL generates A
minus B minus 1 (2s complement notation) without a carry
in and generates A minus B when a carry is applied.
Because subtraction is actually performed by complemen-
tary addition (1s complement), a carry out means borrow;
thus a carry is generated when there is no underflow and
no carry is generated when there is underflow. As indi-
cated, this device can be used with either active LOW
inputs producing active LOW outputs or with active HIGH
inputs producing active HIGH outputs. For either case the
table lists the operations that are performed to the oper-
ands labeled inside the logic symbol.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
A0–A3
A Operand Inputs (Active LOW)
1.0/3.0
20
µA/−1.8 mA
B0–B3
B Operand Inputs (Active LOW)
1.0/3.0
20
µA/−1.8 mA
S0–S3
Function Select Inputs
1.0/4.0
20
µA/−2.4 mA
M
Mode Control Input
1.0/1.0
20
µA/−0.6 mA
Cn
Carry Input
1.0/5.0
20
µA/−3.0 mA
F0–F3
Function Outputs (Active LOW)
50/33.3
−1 mA/20 mA
A
= B
Comparator Output
OC (Note 1)/33.3
(Note 1)/20 mA
G
Carry Generate Output (Active LOW)
50/33.3
−1 mA/20 mA
P
Carry Propagate Output (Active LOW)
50/33.3
−1 mA/20 mA
Cn + 4
Carry Output
50/33.3
−1 mA/20 mA


Número de pieza similar - 74F181PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74F181PC NSC-74F181PC Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
More results

Descripción similar - 74F181PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com