Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES1C Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza ES1C
Descripción Electrónicos  1.0 Ampere Superfast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ES1C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ES1C Datasheet HTML 1Page - Fairchild Semiconductor ES1C Datasheet HTML 2Page - Fairchild Semiconductor ES1C Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ES1A-ES1D, Rev. C
2001 Fairchild Semiconductor Corporation
Fast Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
Electrical Characteristics
T
A
= 25°C unless otherwise noted
ES1A - ES1D
Features
For surface mount applications.
Glass passivated junction.
Low profile package.
Easy pick and place.
Built-in strain relief.
Superfast recovery times for
high efficiency.
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
SMA/DO-214AC
COLOR BAND DENOTES CATHODE
Thermal Characteristics
Symbol
Parameter
Value
Units
P
D
Power Dissipation
1.47
W
RθJA
Thermal Resistance, Junction to Ambient*
85
°C/W
RθJL
Thermal Resistance, Junction to Lead*
35
°C/W
Symbol
Parameter
Device
Units
1A
1B
1C
1D
VF
Forward Voltage @ 1.0 A
0.92
V
trr
Reverse Recovery Time
I
F = 0.5 A, IR = 1.0 A, IRR = 0.25 A
15
ns
IR
Reverse Current
@ rated V
R
T
A = 25°C
T
A = 100°C
5.0
100
µA
µA
CT
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
7.0
pF
Value
Symbol
Parameter
1A
1B
1C
1D
Units
V
RRM
Maximum Repetitive Reverse Voltage
50
100
150
200
V
IF(AV)
Average Rectified Forward Current, @ TA=120°C
1.0
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
30
A
T
stg
Storage Temperature Range
-50 to +150
°C
T
J
Operating Junction Temperature
-50 to +150
°C
*Device mounted on FR-4 PCB 0.013 mm.


Número de pieza similar - ES1C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
ES1C PANJIT-ES1C Datasheet
110Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1C PANJIT-ES1C Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES1C YIXIN-ES1C Datasheet
254Kb / 2P
   Super Fast Surface Mount Rectifiers
logo
Yea Shin Technology Co....
ES1C YEASHIN-ES1C Datasheet
41Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Micro Commercial Compon...
ES1C MCC-ES1C Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Descripción similar - ES1C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
ES2A FAIRCHILD-ES2A Datasheet
43Kb / 3P
   2.0 Ampere Superfast Rectifiers
logo
Bytesonic Electronics C...
ER300 BYTESONIC-ER300 Datasheet
146Kb / 2P
   3.0 Ampere SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER100 PANJIT-ER100 Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
1E1 PANJIT-1E1 Datasheet
57Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100S PANJIT-ER100S Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
TAITRON Components Inco...
BY127 TAITRON-BY127 Datasheet
70Kb / 2P
   1.0 AMPERE SILICON RECTIFIERS
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
logo
Fairchild Semiconductor
RGF1A FAIRCHILD-RGF1A Datasheet
99Kb / 4P
   1.0 Ampere Fast Recovery Rectifiers
RS1A FAIRCHILD-RS1A Datasheet
38Kb / 3P
   1.0 Ampere Fast Recovery Rectifiers
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com