Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F299 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74F299
Descripción Electrónicos  Octal Universal Shift/Storage Register with Common Parallel I/O Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F299 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F299 Datasheet HTML 1Page - Fairchild Semiconductor 74F299 Datasheet HTML 2Page - Fairchild Semiconductor 74F299 Datasheet HTML 3Page - Fairchild Semiconductor 74F299 Datasheet HTML 4Page - Fairchild Semiconductor 74F299 Datasheet HTML 5Page - Fairchild Semiconductor 74F299 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F299 contains eight edge-triggered D-type flip-flops
and the interstage logic necessary to perform synchronous
shift left, shift right, parallel load and hold operations. The
type of operation is determined by S0 and S1, as shown in
the Mode Select Table. All flip-flop outputs are brought out
through 3-STATE buffers to separate I/O pins that also
serve as data inputs in the parallel load mode. Q0 and Q7
are also brought out on other pins for expansion in serial
shifting of longer words.
A LOW signal on MR overrides the Select and CP inputs
and resets the flip-flops. All other state changes are initi-
ated by the rising edge of the clock. Inputs can change
when the clock is in either state provided only that the rec-
ommended setup and hold times, relative to the rising edge
of CP, are observed.
A HIGH signal on either OE1 or OE2 disables the 3-STATE
buffers and puts the I/O pins in the high impedance state.
In this condition the shift, hold, load and reset operations
can still occur. The 3-STATE outputs are also disabled by
HIGH signals on both S0 and S1 in preparation for a paral-
lel load operation.
Mode Select Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = LOW-to-HIGH Clock Transition
Logic Diagram
Please note that this diagram is provided only for the understanding of logic
operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
DS0
Serial Data Input for Right Shift
1.0/1.0
20
µA/−0.6 mA
DS7
Serial Data Input for Left Shift
1.0/1.0
20
µA/−0.6 mA
S0, S1
Mode Select Inputs
1.0/2.0
20
µA/−1.2 mA
MR
Asynchronous Master Reset Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
OE1, OE2
3-STATE Output Enable Inputs (Active LOW)
1.0/1.0
20
µA/−0.6 mA
I/O0–I/O7
Parallel Data Inputs or
3.5/1.083
70
µA/−0.65 mA
3-STATE Parallel Outputs
150/40(33.3)
−3 mA/24 mA (20 mA)
Q0, Q7
Serial Outputs
50/33.3
−1 mA/20 mA
Inputs
Response
MR S1 S0 CP
L
X
X
X
Asynchronous Reset; Q0–Q7 = LOW
HH
H
 Parallel Load; I/On → Qn
HL
H
 Shift Right; DS0 → Q0, Q0 → Q1, etc.
HH
L
 Shift Left; DS7 → Q7, Q7 → Q6, etc.
H
L
L
X
Hold


Número de pieza similar - 74F299

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74F299 NSC-74F299 Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
National Semiconductor ...
74F299PC NSC-74F299PC Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
74F299SC NSC-74F299SC Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
74F299SJ NSC-74F299SJ Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
More results

Descripción similar - 74F299

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
National Semiconductor ...
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Fairchild Semiconductor
74F323 FAIRCHILD-74F323 Datasheet
62Kb / 6P
   Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
   8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com