Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS-2000-5309-7 Datasheet(PDF) 7 Page - 3M Electronics

No. de pieza GS-2000-5309-7
Descripción Electrónicos  Identification of the substance/mixture and of the company/undertaking
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  3M [3M Electronics]
Página de inicio  http://www.3m.com
Logo 3M - 3M Electronics

GS-2000-5309-7 Datasheet(HTML) 7 Page - 3M Electronics

Back Button GS-2000-5309-7 Datasheet HTML 3Page - 3M Electronics GS-2000-5309-7 Datasheet HTML 4Page - 3M Electronics GS-2000-5309-7 Datasheet HTML 5Page - 3M Electronics GS-2000-5309-7 Datasheet HTML 6Page - 3M Electronics GS-2000-5309-7 Datasheet HTML 7Page - 3M Electronics GS-2000-5309-7 Datasheet HTML 8Page - 3M Electronics GS-2000-5309-7 Datasheet HTML 9Page - 3M Electronics GS-2000-5309-7 Datasheet HTML 10Page - 3M Electronics GS-2000-5309-7 Datasheet HTML 11Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
3M Scotch-Weld TL70 Anaerobic Threadlocker
__________________________________________________________________________________________
Page: 7 of 17
SECTION 11: Toxicological information
The information below may not be consistent with the material classification in Section 2 if specific ingredient
classifications are mandated by a competent authority. In addition, toxicological data on ingredients may not be
reflected in the material classification and/or the signs and symptoms of exposure, because an ingredient may be
present below the threshold for labelling, an ingredient may not be available for exposure, or the data may not be
relevant to the material as a whole.
11.1 Information on Toxicological effects
Signs and Symptoms of Exposure
Based on test data and/or information on the components, this material may produce the following health effects:
Eye contact
Severe eye irritation: Signs/symptoms may include significant redness, swelling, pain, tearing, cloudy appearance of the
cornea, and impaired vision.
Skin contact
Skin Irritation: Signs/symptoms may include localized redness, swelling, itching, dryness, cracking, blistering, and pain.
Allergic skin reaction (non-photo induced): Signs/symptoms may include redness, swelling, blistering, and itching.
Inhalation
Respiratory tract irritation: Signs/symptoms may include cough, sneezing, nasal discharge, headache, hoarseness, and nose
and throat pain. May cause target organ effects after inhalation.
Ingestion
Gastrointestinal irritation: Signs/symptoms may include abdominal pain, stomach upset, nausea, vomiting and diarrhoea.
May cause target organ effects after ingestion.
Target Organ Effects:
Prolonged or repeated exposure may cause:
Neurological effects: Signs/symptoms may include personality changes, lack of coordination, sensory loss, tingling
or numbness of the extremities, weakness, tremors, and changes in blood pressure and heart rate. Respiratory
effects: Signs/symptoms may include cough, shortness of breath, chest tightness, wheezing, increased heart rate,
bluish coloured skin (cyanosis), sputum production, changes in lung function tests, and respiratory failure.
Toxicological Data
Acute Toxicity
Name
Route
Species
Value
UN GHS
Classification
Overall product
Ingestion
No test data available;
calculated ATE
>5000 mg/kg
Not classified
(28.9% unknown)
2,2'-Ethylenedioxydiethyl
dimethacrylate
Ingestion
Rat
LD50 10837 mg/kg
Not classified
2-Hydroxypropyl methacrylate
Ingestion
Rat
LD50 > 2,000 mg/kg
Not classified
Methacrylic acid, monoester with
propane-1,2-diol
Dermal
Rabbit
LD50 > 5,000 mg/kg
Not classified
Methacrylic acid, monoester with
propane-1,2-diol
Ingestion
Rat
LD50 11200 mg/kg
Not classified
Acrylic acid
Dermal
Rabbit
LD50 295 mg/kg
Category3
Acrylic acid
Inhalation-
Vapor (4 hours)
Rat
LC50 4 mg/l
Category3


Número de pieza similar - GS-2000-5309-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Descripción similar - GS-2000-5309-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
   The package and pin of the chip
logo
PHOENIX CONTACT
2764975 PHOENIX-2764975 Datasheet
151Kb / 9P
   Date of manufacture and material and part identification embossed on the housing (recyclability)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
TE Connectivity Ltd
ENG_CD_0413-204-2005_- TEC-ENG_CD_0413-204-2005_- Datasheet
31Kb / 1P
   The Deutscgg Company
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
List of Unclassifed Man...
88950303 ETC2-88950303 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
logo
Zilog, Inc.
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
   The voltage and current requirements of the Z8 Encore
logo
List of Unclassifed Man...
88950304 ETC2-88950304 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com