Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F398 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74F398
Descripción Electrónicos  Quad 2-Port Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F398 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74F398 Datasheet HTML 1Page - Fairchild Semiconductor 74F398 Datasheet HTML 2Page - Fairchild Semiconductor 74F398 Datasheet HTML 3Page - Fairchild Semiconductor 74F398 Datasheet HTML 4Page - Fairchild Semiconductor 74F398 Datasheet HTML 5Page - Fairchild Semiconductor 74F398 Datasheet HTML 6Page - Fairchild Semiconductor 74F398 Datasheet HTML 7Page - Fairchild Semiconductor 74F398 Datasheet HTML 8Page - Fairchild Semiconductor 74F398 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Functional Description
The 74F398 and 74F399 are high-speed quad 2-port regis-
ters. They select four bits of data from either of two sources
(Ports) under control of a common Select input (S). The
selected data is transferred to a 4-bit output register syn-
chronous with the LOW-to-HIGH transition of the Clock
input (CP). The 4-bit D-type output register is fully edge-
triggered. The Data inputs (I0x, I1x) and Select input (S)
must be stable only a setup time prior to and hold time after
the LOW-to-HIGH transition of the Clock input for predict-
able operation. The 74F398 has both Q and Q outputs.
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
h
= HIGH Voltage Level one setup time prior to the LOW-to-HIGH
clock transition
I
= LOW Voltage Level one setup time prior to the LOW-to-HIGH
clock transition
X
= Immaterial
Note 1: 74F398 only
Logic Diagram
*F398 Only
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Inputs
Outputs
SI0
I1
QQ
(Note 1)
II
X
L
H
Ih
X
H
L
hX
I
L
H
hX
h
H
L


Número de pieza similar - 74F398

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74F398 NSC-74F398 Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
NXP Semiconductors
74F398 PHILIPS-74F398 Datasheet
88Kb / 10P
   Registers
1999 Jan 08
logo
Texas Instruments
74F398 TI1-74F398 Datasheet
429Kb / 12P
[Old version datasheet]   54F398 54F399 74F398 74F399 Quad 2-Port Register
logo
National Semiconductor ...
74F398PC NSC-74F398PC Datasheet
178Kb / 10P
   Quad 2-Port Register
74F398SC NSC-74F398SC Datasheet
178Kb / 10P
   Quad 2-Port Register
More results

Descripción similar - 74F398

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC399 FAIRCHILD-74AC399_00 Datasheet
102Kb / 9P
   Quad 2-Port Register
logo
Motorola, Inc
SN54LS398 MOTOROLA-SN54LS398 Datasheet
209Kb / 6P
   QUAD 2-PORT REGISTER
logo
National Semiconductor ...
54F398DM NSC-54F398DM Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Motorola, Inc
MC74AC398 MOTOROLA-MC74AC398 Datasheet
392Kb / 8P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
   Quad 2-Port Register
74AC399 FAIRCHILD-74AC399 Datasheet
87Kb / 8P
   Quad 2-Port Register
logo
National Semiconductor ...
54ACT399 NSC-54ACT399 Datasheet
137Kb / 6P
   Quad 2-Port Register
logo
Motorola, Inc
MC5474F398 MOTOROLA-MC5474F398 Datasheet
81Kb / 3P
   QUAD 2-PORT REGISTER
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
   QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
logo
Fairchild Semiconductor
DM74LS298 FAIRCHILD-DM74LS298 Datasheet
43Kb / 4P
   Quad 2-Port Register Multiplexer with Storage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com