Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F51SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74F51SC
Descripción Electrónicos  Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F51SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F51SC Datasheet HTML 1Page - Fairchild Semiconductor 74F51SC Datasheet HTML 2Page - Fairchild Semiconductor 74F51SC Datasheet HTML 3Page - Fairchild Semiconductor 74F51SC Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009468
www.fairchildsemi.com
April 1988
Revised July 1999
74F51
Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
General Description
This device contains two independent logic units, one per-
forming a 2-2 AND-OR-INVERT and the other performing a
3-3 AND-OR-INVERT function.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Unit Loading/Fan Out
Function Table for 3-Input Gates
Function Table for 2-Input Gates
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Order Number
Package Number
Package Description
74F51SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
74F51SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F51PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
An, Bn, Cn, Dn, En, Fn Inputs
1.0/1.0
20
µA/−0.6 mA
On
Outputs
50/33.3
−1 mA/20 mA
Inputs
Output
A0
B0
C0
D0
E0
F0
O0
HHH
X
X
X
L
XXX
H
H
H
L
All other combinations
H
Inputs
Output
A1
B1
C1
D1
O1
HHX
X
L
XX
H
H
L
All other combinations
H


Número de pieza similar - 74F51SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F51 PHILIPS-74F51 Datasheet
69Kb / 8P
   Dual 2-wide 2-input, 2-wise 3-input AND-OR-invert gate
1989 Mar 03
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
   Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
More results

Descripción similar - 74F51SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
   Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
   Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
logo
Hitachi Semiconductor
HD74HC51 HITACHI-HD74HC51 Datasheet
46Kb / 8P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Renesas Technology Corp
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Motorola, Inc
SN54LS51 MOTOROLA-SN54LS51 Datasheet
48Kb / 2P
   DUAL 2-WIDE 2-INPUT/ 3-INPUT AND-OR-INVERT GATE
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
   Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
   Dual 2-wide 2-input AND-OR-invert gate
January 1995
logo
STMicroelectronics
M54HC51 STMICROELECTRONICS-M54HC51 Datasheet
234Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com