Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F524 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74F524
Descripción Electrónicos  8-Bit Registered Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F524 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F524 Datasheet HTML 1Page - Fairchild Semiconductor 74F524 Datasheet HTML 2Page - Fairchild Semiconductor 74F524 Datasheet HTML 3Page - Fairchild Semiconductor 74F524 Datasheet HTML 4Page - Fairchild Semiconductor 74F524 Datasheet HTML 5Page - Fairchild Semiconductor 74F524 Datasheet HTML 6Page - Fairchild Semiconductor 74F524 Datasheet HTML 7Page - Fairchild Semiconductor 74F524 Datasheet HTML 8Page - Fairchild Semiconductor 74F524 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Note 1: OC
= Open Collector
Number Representation Select Table
Select Truth Table
Status Truth Table
(Hold Mode)
1
= HIGH if data are equal, otherwise LOW
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
S0, S1
Mode Select Inputs
1.0/1.0
20
µA/−0.6 mA
C/SI
Status Priority or Serial Data Input
1.0/1.0
20
µA/−0.6 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
SE
Status Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
M
Compare Mode Select Input
1.0/1.0
20
µA/−0.6 mA
I/O0–I/O7
Parallel Data Inputs or
3.5/1.083
70
µA/−0.65 mA
3-STATE Parallel Data Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
C/SO
Status Priority or Serial Data Output
50/33.3
−1 mA/20 mA
LT
Register Less Than Bus Output
OC (Note 1) /33.3
(Note 1) /20 mA
EQ
Register Equal Bus Output
OC(Note 1) /33.3
(Note 1) /20 mA
GT
Register Greater Than Bus Output
OC(Note 1) /33.3
(Note 1) /20 mA
MOperation
L
Magnitude Compare
H
Twos Complement Compare
S0
S1
Operation
L
L
Hold—Retains Data in Shift Register
L
H
Read—Read Contents in Register onto Data Bus,
Data Remains in Register Unaffected by Clock
H
L
Shift—Allows Serial Shifting on Next Rising Clock Edge
H
H
Load—Load Data on Bus into Register
Inputs
Outputs
SE
C/SI
Data Comparison
EQ
GT
LT
C/SO
HH
X
HHH
1
LL
OA–OH > I/O0–I/O7
LH
H
L
XL
OA–OH = I/O0–I/O7
HHH
L
HL
OA–OH < I/O0–I/O7
LH
H
L
HH
OA–OH > I/O0–I/O7
LH
L
L
HH
OA–OH = I/O0–I/O7
HL
L
H
LH
OA–OH < I/O0–I/O7
LL
H
L


Número de pieza similar - 74F524

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F524 PHILIPS-74F524 Datasheet
131Kb / 14P
   8-bit register comparator open-collector 3-State
1990 Aug 07
More results

Descripción similar - 74F524

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS520 FAIRCHILD-DM74ALS520 Datasheet
51Kb / 5P
   8-Bit Comparator
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
243Kb / 10P
   8 BIT EQUALITY COMPARATOR
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com