Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F563SJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74F563SJ
Descripción Electrónicos  Octal D-Type Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F563SJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F563SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F563SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F563SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F563SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F563SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F563SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.5
8.5
3.0
10.5
3.0
9.5
ns
tPHL
Dn to On
2.5
6.5
2.0
7.5
2.0
7.0
tPLH
Propagation Delay
4.5
9.5
4.0
11.0
4.0
10.5
ns
tPHL
LE to On
3.0
7.0
2.5
7.5
2.5
7.0
tPZH
Output Enable Time
2.0
7.5
2.0
9.5
2.0
9.0
tPZL
3.0
8.5
2.5
10.0
1.5
9.5
ns
tPHZ
Output Disable Time
1.5
5.5
1.5
7.0
1.5
6.5
tPLZ
1.5
5.5
1.5
5.5
1.5
5.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
2.0
2.0
2.0
ns
tS(L)
Dn to LE
2.0
2.0
2.0
tH(H)
Hold Time, HIGH or LOW
3.0
3.0
3.0
ns
tH(L)
Dn to LE
3.0
3.0
3.0
tW(H)
LE Pulse Width, HIGH
4.0
4.0
4.0
ns


Número de pieza similar - 74F563SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74F563SJCQB NSC-74F563SJCQB Datasheet
169Kb / 8P
   Octal D-Type Latch with TRI-STATE짰 Outputs
74F563SJCX NSC-74F563SJCX Datasheet
169Kb / 8P
   Octal D-Type Latch with TRI-STATE짰 Outputs
74F563SJMQB NSC-74F563SJMQB Datasheet
169Kb / 8P
   Octal D-Type Latch with TRI-STATE짰 Outputs
74F563SJMX NSC-74F563SJMX Datasheet
169Kb / 8P
   Octal D-Type Latch with TRI-STATE짰 Outputs
74F563SJX NSC-74F563SJX Datasheet
169Kb / 8P
   Octal D-Type Latch with TRI-STATE짰 Outputs
More results

Descripción similar - 74F563SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com