Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F794PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74F794PC
Descripción Electrónicos  8-Bit Register with Readback
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F794PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F794PC Datasheet HTML 1Page - Fairchild Semiconductor 74F794PC Datasheet HTML 2Page - Fairchild Semiconductor 74F794PC Datasheet HTML 3Page - Fairchild Semiconductor 74F794PC Datasheet HTML 4Page - Fairchild Semiconductor 74F794PC Datasheet HTML 5Page - Fairchild Semiconductor 74F794PC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
90
90
MHz
tPLH
Propagation Delay
2.5
7.0
2.5
8.0
ns
tPHL
CP to Qn
2.5
8.0
2.5
9.0
tPZH
Output Enable Time
2.3
8.5
2.0
9.0
ns
tPZL
2.0
10.0
2.0
10.5
tPHZ
Output Disable Time
1.0
7.0
1.0
8.0
ns
tPLZ
1.0
7.0
1.0
8.0
tS(H)
Setup Time, HIGH or LOW
4.0
4.0
ns
tS(L)
Bus to Clock
4.0
4.0
tH(H)
Hold Time, HIGH or LOW
1.5
1.5
ns
tH(L)
Bus to Clock
1.5
1.5
tW(H
Clock Pulse Width
5.8
5.8
ns
HIGH or LOW
5.8
5.8


Número de pieza similar - 74F794PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F711-1 PHILIPS-74F711-1 Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
74F711A PHILIPS-74F711A Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
74F712-1 PHILIPS-74F712-1 Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
74F712A PHILIPS-74F712A Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
74F723-1 PHILIPS-74F723-1 Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
More results

Descripción similar - 74F794PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SN54LS793 ETC1-SN54LS793 Datasheet
258Kb / 4P
   8 - BIT LATCH / REGISTER WITH READBACK
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com