Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F899QC Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74F899QC
Descripción Electrónicos  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F899QC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F899QC Datasheet HTML 1Page - Fairchild Semiconductor 74F899QC Datasheet HTML 2Page - Fairchild Semiconductor 74F899QC Datasheet HTML 3Page - Fairchild Semiconductor 74F899QC Datasheet HTML 4Page - Fairchild Semiconductor 74F899QC Datasheet HTML 5Page - Fairchild Semiconductor 74F899QC Datasheet HTML 6Page - Fairchild Semiconductor 74F899QC Datasheet HTML 7Page - Fairchild Semiconductor 74F899QC Datasheet HTML 8Page - Fairchild Semiconductor 74F899QC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010195
www.fairchildsemi.com
February 1989
Revised August 1999
74F899
9-Bit Latchable Transceiver
with Parity Generator/Checker
General Description
The 74F899 is a 9-bit to 9-bit parity transceiver with trans-
parent latches. The device can operate as a feed-through
transceiver or it can generate/check parity from the 8-bit
data busses in either direction. It has a guaranteed current
sinking capability of 24 mA at the A-bus and 64 mA at the
B-bus.
The 74F899 features independent latch enables for the
A-to-B direction and the B-to-A direction, a select pin for
ODD/EVEN parity, and separate error signal output pins for
checking parity.
Features
s Latchable transceiver with output sink of 24 mA at the
A-bus and 64 mA at the B-bus
s Option to select generate parity and check or
“feed-through” data/parity in directions A-to-B or B-to-A
s Independent latch enables for A-to-B and B-to-A
directions
s Select pin for ODD/EVEN parity
s ERRA and ERRB output pins for parity checking
s Ability to simultaneously generate and check parity
s May be used in systems applications in place of the
74F543 and 74F280
s May be used in system applications in place of the
74F657 and 74F373 (no need to change T/R to check
parity)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignment for SOIC
Pin Assignment for PCC
Logic Symbol
Order Number
Package Number
Package Description
74F899SC
M28B
28-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F899QC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square


Número de pieza similar - 74F899QC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8961 PHILIPS-74F8961 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8963 PHILIPS-74F8963 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results

Descripción similar - 74F899QC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com