Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR16541 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74FR16541
Descripción Electrónicos  16-Bit Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR16541 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74FR16541 Datasheet HTML 1Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 2Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 3Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 4Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 5Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Extended AC Characteristics
Note 3: Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs of the same device. The specifi-
cation applies to any outputs switching HIGH-to-LOW, (tosHL), LOW-to-HIGH, (tosLH), or HIGH-to-LOW and/or LOW-to-HIGH, (tost). Specifications guaran-
teed with all outputs switching in phase.
Note 4: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase,
i.e., all LOW-to-HIGH, HIGH-to-LOW, 3-STATE-to-HIGH, etc.
Note 5: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.5
2.8
4.3
1.5
4.3
ns
tPHL
In to On
1.5
2.4
4.3
1.5
4.3
tPZH
Output Enable Time
3.6
5.8
11.6
3.6
11.6
ns
tPZL
3.6
6.6
11.6
3.6
11.6
tPHZ
Output Disable Time
1.8
4.0
6.6
1.8
6.6
ns
tPLZ
1.8
4.1
6.6
1.8
6.6
Symbol
Parameter
TA = 0°C to +70°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 250 pF
16 Outputs Switching
(Note 4)
(Note 5)
Min
Max
Min
Max
tPLH
Propagation Delay
1.5
5.7
3.0
9.0
ns
tPHL
An to Bn or Bn to An
1.55.7
3.09.0
tPZH
Output Enable Time
3.6
12.5
ns
tPZL
3.6
12.5
tPHZ
Output Disable Time
1.8
6.6
ns
tPLZ
1.8
6.6
tosHL
Pin-to-Pin Skew
1.5
ns
(Note 3)
for HL Transitions
tosLH
Pin-to-Pin Skew
1.3
ns
(Note 3)
for LH Transitions
tost
Pin-to-Pin Skew
2.0
ns
(Note 3)
for HL/LH Transitions


Número de pieza similar - 74FR16541

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16540QC FAIRCHILD-74FR16540QC Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16540SSC FAIRCHILD-74FR16540SSC Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Descripción similar - 74FR16541

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74AC16244 FAIRCHILD-74AC16244 Datasheet
87Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16244 FAIRCHILD-74ACT16244 Datasheet
80Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16541 FAIRCHILD-74ACT16541 Datasheet
80Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541_05 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ABT16244 FAIRCHILD-74ABT16244 Datasheet
90Kb / 8P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com