Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR16541 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74FR16541
Descripción Electrónicos  16-Bit Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR16541 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74FR16541 Datasheet HTML 1Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 2Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 3Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 4Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 5Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010616
www.fairchildsemi.com
October 1989
Revised August 1999
74FR16541
16-Bit Buffer/Line Driver with 3-STATE Outputs
General Description
The 74FR16541 contains sixteen non-inverting buffers with
3-STATE outputs designed to be employed as a memory
and address driver, clock driver, or bus-oriented transmit-
ter/receiver. The device is byte controlled. Each byte has
separate 3-STATE control inputs which can be shorted
together for full 16-bit operation.
Features
s Non-inverting buffers
s 3-STATE outputs drive bus lines
s Output sink capability of 64 mA, source capability of
15 mA
s Separate 3-STATE control pins for each byte
s Guaranteed multiple output switching, 250 pF delays
and pin-to-pin skew
s 16-bit version of the 74F541, 74F244 or 74FR244
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignment for SSOP
Pin Assignment for PLCC
Logic Symbol
Order Number
Package Number
Package Description
74FR16541QC
V44A
44-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.650 Square
74FR16541SSC
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300 Wide


Número de pieza similar - 74FR16541

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16540QC FAIRCHILD-74FR16540QC Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16540SSC FAIRCHILD-74FR16540SSC Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Descripción similar - 74FR16541

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74AC16244 FAIRCHILD-74AC16244 Datasheet
87Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16244 FAIRCHILD-74ACT16244 Datasheet
80Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16541 FAIRCHILD-74ACT16541 Datasheet
80Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541_05 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ABT16244 FAIRCHILD-74ABT16244 Datasheet
90Kb / 8P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com