Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR2244SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74FR2244SJ
Descripción Electrónicos  Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR2244SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74FR2244SJ Datasheet HTML 1Page - Fairchild Semiconductor 74FR2244SJ Datasheet HTML 2Page - Fairchild Semiconductor 74FR2244SJ Datasheet HTML 3Page - Fairchild Semiconductor 74FR2244SJ Datasheet HTML 4Page - Fairchild Semiconductor 74FR2244SJ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010931
www.fairchildsemi.com
June 1991
Revised August 1999
74FR2244
Octal Buffer/Line Driver
with 25
Ω Series Resistors in the Outputs
General Description
The
74FR2244 is a non-inverting octal buffer and line driver
designed to drive capacitive inputs of MOS memory
devices, address and clock lines or act as a low under-
shoot general purpose bus driver.
Features
s 3-STATE outputs drive bus lines or buffer memory
address registers
s Outputs sink 12 mA and source 15 mA
s 25
Ω series resistors in outputs eliminate the need for
external resistors
s Designed to drive the capacitive inputs of MOS devices
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Order Number
Package Number
Package Description
74FR2244SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74FR2244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74FR2244PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
OE1, OE2
Output Enable Input (Active-LOW)
I0–I7
Inputs
O0–O7
Outputs
Inputs
Outputs
OE1
In
(Pins 12, 14, 16, 18)
LL
L
LH
H
HX
Z
Inputs
Outputs
OE2
In
(Pins 3, 5, 7, 9)
LL
L
LH
H
HX
Z


Número de pieza similar - 74FR2244SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240PC FAIRCHILD-74FR2240PC Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240SC FAIRCHILD-74FR2240SC Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR2245SC FAIRCHILD-74FR2245SC Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
More results

Descripción similar - 74FR2244SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2541 FAIRCHILD-74ABT2541 Datasheet
100Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74F2645 FAIRCHILD-74F2645 Datasheet
42Kb / 5P
   Octal Bus Transceiver with 25廓 Series Resistors in the Outputs
logo
National Semiconductor ...
54F2244DM NSC-54F2244DM Datasheet
147Kb / 8P
   Octal Buffer/Line Driver with 25X Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com