Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR240 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74FR240
Descripción Electrónicos  Octal Buffer/Line Driver with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR240 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74FR240 Datasheet HTML 1Page - Fairchild Semiconductor 74FR240 Datasheet HTML 2Page - Fairchild Semiconductor 74FR240 Datasheet HTML 3Page - Fairchild Semiconductor 74FR240 Datasheet HTML 4Page - Fairchild Semiconductor 74FR240 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
Twice the Rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH Voltage
2.4
V
Min
IOH = −3 mA
2.0
V
Min
IOH = −15 mA
VOL
Output LOW Voltage
0.55
V
Min
IOL = 64 mA
IIH
Input HIGH Current
5
µAMax
VIN = 2.7V
IBVI
Input HIGH Current
7
µAMax
VIN = 7.0V
Breakdown Test
IIL
Input Low Current
−150
µAMax
VIN = 0.5V
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA,
All Other Pins Grounded
IOD
Output Circuit Leakage Current
3.75
µA0.0
VIOD = 150 mV,
All Other Pins Grounded
IOZH
Output Leakage Current
20
µAMax
VOUT = 2.7V
IOZL
Output Leakage Current
−20
µAMax
VOUT = 0.5V
IOS
Output Short-Circuit Current
−100
−225
mA
Max
VOUT = 0.0V
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC
IZZ
Bus Drainage Test
100
µA0.0
VOUT = 5.25V
ICCH
Power Supply Current
9
13
mA
Max
All Outputs HIGH
ICCL
Power Supply Current
37
45
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
31
38
mA
Max
Outputs 3-STATE
CIN
Input Capacitance
8.0
pF
5.0


Número de pieza similar - 74FR240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR244 FAIRCHILD-74FR244 Datasheet
50Kb / 5P
   Octal Buffer/Line Driver with 3-STATE Outputs
74FR244 FAIRCHILD-74FR244 Datasheet
65Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
74FR244PC FAIRCHILD-74FR244PC Datasheet
50Kb / 5P
   Octal Buffer/Line Driver with 3-STATE Outputs
74FR244PC FAIRCHILD-74FR244PC Datasheet
65Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
74FR244SC FAIRCHILD-74FR244SC Datasheet
50Kb / 5P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Descripción similar - 74FR240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com