Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR245SC Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74FR245SC
Descripción Electrónicos  Octal Bidirectional Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR245SC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74FR245SC Datasheet HTML 1Page - Fairchild Semiconductor 74FR245SC Datasheet HTML 2Page - Fairchild Semiconductor 74FR245SC Datasheet HTML 3Page - Fairchild Semiconductor 74FR245SC Datasheet HTML 4Page - Fairchild Semiconductor 74FR245SC Datasheet HTML 5Page - Fairchild Semiconductor 74FR245SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH Voltage
2.4
V
Min
IOH = −3 mA (An, Bn)
2.0
V
Min
IOH = −15 mA (An, Bn)
VOL
Output LOW Voltage
0.55
V
Min
IOL = 64 mA (An, Bn)
IIH
Input HIGH Current
5
µAMax
VIN = 2.7V (OE, T/R)
IBVI
Input HIGH Current
7
µAMax
VIN = 7.0V (OE, T/R)
Breakdown Test
IBVIT
Input HIGH Current
100
µAMax
VIN = 5.5V (An, Bn)
Breakdown Test (I/O)
IIL
Input LOW Current
−250
µAMax
VIN = 0.5V (OE, T/R)
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA
All Other Pins Grounded
IOD
Output Circuit
3.75
µA0.0
VIOD = 150 mV
Leakage Current
All Other Pins Grounded
IIH + IOZH
Output Leakage Current
25
µAMax
VOUT = 2.7V (An, Bn)
IIL + IOZL
Output Leakage Current
−150
µAMax
VOUT = 0.5V (An, Bn)
IOS
Output Short-Circuit Current
−100
−225
mA
Max
VOUT = 0.0V (An, Bn)
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC (An, Bn)
IZZ
Bus Drainage Test
100
µA0.0
VOUT = 5.25V (An, Bn)
ICCH
Power Supply Current
55
75
mA
Max
All Outputs HIGH
ICCL
Power Supply Current
75
110
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
55
75
mA
Max
Outputs 3-STATE
CIN
Input Capacitance
8.0
pF
5.0
OE, T/R
17.0
pF
5.0
An, Bn


Número de pieza similar - 74FR245SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74FR245S NSC-74FR245S Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
More results

Descripción similar - 74FR245SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com