Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR25900 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza 74FR25900
Descripción Electrónicos  9-Bit, 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR25900 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74FR25900 Datasheet HTML 1Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 2Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 3Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 4Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 5Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 6Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
Extended AC Electrical Characteristics
Note 5: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase,
i.e., all LOW-to-HIGH, HIGH-to-LOW, 3-STATE-to-HIGH, etc.
Note 6: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load capac-
itors standard AC load. This specification pertains to single output switching only.
Symbol
Parameter
TA = 0°C to +70°cTA = 0°C to +70°c
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 250 pF
Nine Outputs
Switching
(Note 6)
(Note 5)
Min
Max
Min
Max
tPLH
Propagation Delay
tPHL
An or Bn to Cn
2.011.54.0
12.5
ns
Cn to An or Bn
tPLH
Propagation Delay
5.5
13.0
ns
tPHL
C8 to A8 or B8 (PINV HIGH)
tPLH
Propagation Delay
4.5
16.0
6.0
16.5
ns
tPHL
An to Bn, Bn to An
tPLH
Propagation Delay
4.5
13.0
5.5
13.5
ns
tPHL
LEAC to Cn, LEBC to Cn
tPLH
Propagation Delay
3.511.55.5
14.5
ns
tPHL
LECA to An, LECB to Bn
tPLH
Propagation Delay
3.011.03.0
14.0
ns
tPHL
S0 to Cn
tPLH
Propagation Delay
4.0
16.5
6.5
16.5
ns
tPHL
S1 to An or Bn
tPLH
Propagation Delay
4.5
14.5
ns
tPHL
PINV to A8 or B8
tPZH
Output Enable Time
1.5
8.0
ns
tPZL
Cn
tPHZ
Output Disable Time
1.5
6.0
ns
tPLZ
Cn
tPZH
Output Enable Time
1.5
8.0
ns
tPZL
An, Bn
tPHZ
Output Disable Time
1.5
7.0
ns
tPLZ
An, Bn


Número de pieza similar - 74FR25900

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240PC FAIRCHILD-74FR2240PC Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240SC FAIRCHILD-74FR2240SC Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2244PC FAIRCHILD-74FR2244PC Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
More results

Descripción similar - 74FR25900

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR900 FAIRCHILD-74FR900 Datasheet
46Kb / 6P
   9-Bit, 3-Port Latchable Datapath Multiplexer
logo
National Semiconductor ...
74ABT3284 NSC-74ABT3284 Datasheet
170Kb / 12P
   18-Bit Synchronous Datapath Multiplexer
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
FST162861 FAIRCHILD-FST162861 Datasheet
82Kb / 4P
   20-Bit Bus Switch with 25W Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com