Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR543 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74FR543
Descripción Electrónicos  Octal Latched Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR543 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74FR543 Datasheet HTML 1Page - Fairchild Semiconductor 74FR543 Datasheet HTML 2Page - Fairchild Semiconductor 74FR543 Datasheet HTML 3Page - Fairchild Semiconductor 74FR543 Datasheet HTML 4Page - Fairchild Semiconductor 74FR543 Datasheet HTML 5Page - Fairchild Semiconductor 74FR543 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Extended AC Electrical Characteristics
Note 3: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase,
i.e., all LOW-to-HIGH, HIGH-to-LOW, 3-STATE-to-HIGH, etc.
Note 4: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 5: Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs of the same device. The specifi-
cation applies to any outputs switching HIGH-to-LOW, (tOSHL), LOW-to-HIGH, (tOSLH), or HIGH-to-LOW and/or LOW-to-HIGH, (tOST). Specifications guaran-
teed with all outputs switching in phase.
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.3
3.0
4.7
1.3
4.7
ns
tPHL
An to Bn or Bn to An
1.3
2.6
4.7
1.3
4.7
tPLH
Propagation Delay
2.3
5.7
8.5
2.3
8.5
ns
tPHL
LEAB to B, LEBA to A
2.3
4.0
8.5
2.3
8.5
tPZH
Output Enable Time
2.3
4.3
7.4
2.3
7.4
ns
tPZL
2.3
4.9
7.4
2.3
7.4
tPHZ
Output Disable Time
1.6
3.9
7.0
1.6
7.0
ns
tPLZ
1.6
3.5
7.0
1.6
7.0
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
2.5
0.5
2.5
ns
tS(L)
Dn to LE
2.5
0.1
2.5
tH(H)
Hold Time, HIGH or LOW
2.0
0.0
2.0
ns
tH(L)
Dn to LE
2.0
−0.6
2.0
tW(H)
LE Pulse Width HIGH
6.0
3.6
6.0
ns
Symbol
Parameter
TA = 0°C to +70°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 250 pF
Eight Outputs Switching
(Note 4)
(Note 3)
Min
Max
Min
Max
tPLH
Propagation Delay
1.3
6.3
3.2
8.7
ns
tPHL
An to Bn or Bn to An
1.3
6.3
3.2
8.7
tPLH
Propagation Delay
2.3
10.2
4.2
12.8
ns
tPHL
LEAB to B, LEBA to A
2.3
10.2
4.2
12.8
tPZH
Output Enable Time
2.3
11.1
ns
tPZL
2.3
11.1
tPHZ
Output Disable Time
1.6
7.2
ns
tPLZ
1.6
7.2
tOSHL
Pin-to-Pin Skew
1.2
ns
(Note 5)
for HL Transitions
tOSLH
Pin-to-Pin Skew
1.0
ns
(Note 5)
for LH Transitions
tOST
Pin-to-Pin Skew
3.1
ns
(Note 5)
for HL/LH Transitions


Número de pieza similar - 74FR543

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74FR573PC FAIRCHILD-74FR573PC Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74FR573SC FAIRCHILD-74FR573SC Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
More results

Descripción similar - 74FR543

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
logo
Texas Instruments
CY74FCT2543ATQCTE4 TI-CY74FCT2543ATQCTE4 Datasheet
619Kb / 14P
[Old version datasheet]   8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com