Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74FR573 Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
74FR573 Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 6 page www.fairchildsemi.com 4 AC Electrical Characteristics AC Operating Requirements Extended AC Electrical Characteristics Note 3: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase, i.e. all LOW-to-HIGH, HIGH-to-LOW, 3-STATE-to-HIGH, etc. Note 4: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load. This specification pertains to single output switching only. Note 5: Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs of the same device. The specifi- cation applies to any outputs switching HIGH-to-LOW, (tOSHL), LOW-to-HIGH, (tOSLH) or any combination of HIGH-to-LOW and/or LOW-to-HIGH, (tOST). Specifications guaranteed with all outputs switching in phase. Symbol Parameter TA = +25°CTA = 0°C to +70°C Units VCC = +5.0V VCC = +5.0V CL = 50 pF CL = 50 pF Min Typ Max Min Max tPLH Propagation Delay 1.7 2.9 4.5 1.7 4.5 ns tPHL Dn to On 1.7 2.6 4.5 1.7 4.5 tPLH Propagation Delay 2.6 6.0 8.5 2.6 8.5 ns tPHL LE to On 2.6 4.3 8.5 2.6 8.5 tPZH Output Enable Time 2.8 4.0 7.4 2.8 7.4 ns tPZL 2.8 5.0 7.4 2.8 7.4 tPHZ Output Disable Time 2.2 4.0 6.3 2.2 6.3 ns tPLZ 2.2 3.5 6.3 2.2 6.3 Symbol Parameter TA = +25°CTA = 0°C to +70°C Units VCC = +5.0V VCC = +5.0V CL = 50 pF CL = 50 pF Min Typ Max Min Max tS(H) Setup Time, HIGH or LOW 1.0 −0.4 1.0 ns tS(L) Dn to LE 1.0 −0.7 1.0 tH(H) Hold Time, HIGH or LOW 2.5 0.9 2.5 ns tH(L) Dn to LE 2.5 0.6 2.5 tW(H) LE Pulse Width HIGH 5.0 2.7 5.0 ns Symbol Parameter TA = 0°C to +70°CTA = 0°C to +70°C Units VCC = +5.0V VCC = +5.0V CL = 50 pF CL = 250 pF Eight Outputs Switching (Note 4) (Note 3) Min Max Min Max tPLH Propagation Delay 1.7 5.7 3.4 8.1 ns tPHL Dn to On 1.75.7 3.48.1 tPLH Propagation Delay 2.6 9.8 4.5 12.3 ns tPHL LE to On 2.6 9.8 4.5 12.3 tPZH Output Enable Time 2.8 9.6 ns tPZL 2.8 9.6 tPHZ Output Disable Time 2.2 7.3 ns tPLZ 2.2 7.3 tOSHL Pin-to-Pin Skew 1.3 ns (Note 5) for HL Transitions tOSLH Pin-to-Pin Skew 1.3 ns (Note 5) for LH Transitions tOST Pin-to-Pin Skew 3.0 ns (Note 5) for HL/LH Transitions |
Número de pieza similar - 74FR573 |
|
Descripción similar - 74FR573 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |