Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR74PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74FR74PC
Descripción Electrónicos  Dual D-Type Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR74PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74FR74PC Datasheet HTML 1Page - Fairchild Semiconductor 74FR74PC Datasheet HTML 2Page - Fairchild Semiconductor 74FR74PC Datasheet HTML 3Page - Fairchild Semiconductor 74FR74PC Datasheet HTML 4Page - Fairchild Semiconductor 74FR74PC Datasheet HTML 5Page - Fairchild Semiconductor 74FR74PC Datasheet HTML 6Page - Fairchild Semiconductor 74FR74PC Datasheet HTML 7Page - Fairchild Semiconductor 74FR74PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
2000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
2.5
V
Min
IOH = −1 mA
Voltage
2.4
V
Min
IOH = −3 mA
2.0
V
Min
IOH = −24 mA
VOL
Output LOW Voltage
0.5
V
Min
IOL = 24 mA
IIH
Input HIGH Current
5
µAMax
VIN = 2.7V
IBVI
Input HIGH Current
7
µAMax
VIN = 7.0V
Breakdown Test
IIL
Input LOW Current
−150
µAMax
VIN = 0.5V (Dn, CPn)
−1.8
mA
Max
VIN = 0.5V (CDn, SDn)
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA,
All Other Pins Grounded
IOD
Output Circuit
3.75
V
0.0
VIOD = 150 mV,
Leakage Test
All Other Pins Grounded
IOS
Output Short-Circuit Current
−100
−275
mA
Max
VOUT = 0.0V
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
ICC
Power Supply Current
24
mA
Max


Número de pieza similar - 74FR74PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
logo
Rochester Electronics
74FR16245 ROCHESTER-74FR16245 Datasheet
415Kb / 5P
   16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
logo
National Semiconductor ...
74FR16245Q NSC-74FR16245Q Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245QC FAIRCHILD-74FR16245QC Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
More results

Descripción similar - 74FR74PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com