Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR9240 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74FR9240
Descripción Electrónicos  9-Bit Buffer/Line Driver with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR9240 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74FR9240 Datasheet HTML 1Page - Fairchild Semiconductor 74FR9240 Datasheet HTML 2Page - Fairchild Semiconductor 74FR9240 Datasheet HTML 3Page - Fairchild Semiconductor 74FR9240 Datasheet HTML 4Page - Fairchild Semiconductor 74FR9240 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010912
www.fairchildsemi.com
April 1991
Revised August 1999
74FR9240
9-Bit Buffer/Line Driver with 3-STATE Outputs
General Description
The 74FR9240 is an inverting 9-bit buffer and line driver
designed to be employed as memory and address driver,
clock driver and bus oriented transmitter or receiver.
Features
s 3-STATE outputs drive bus lines or buffer memory
address registers
s Outputs sink 64 mA and source 15 mA
s Guaranteed multiple output switching, 250 pF delay and
pin-to-pin skew
s Guaranteed 4000V minimum ESD protection
s 9-bit architecture for systems carrying parity
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Description
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Order Number
Package Number
Package Description
74FR9240SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74FR9240SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide
Pin Names
Description
OE1, OE2
Output Enable Input (Active-LOW)
I0–I8
Inputs
O0–O8
Outputs
OE1
OE2
In
On
HX
X
Z
XH
X
Z
LL
H
L
LLL
H


Número de pieza similar - 74FR9240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244SC FAIRCHILD-74FR9244SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244SPC FAIRCHILD-74FR9244SPC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9245 FAIRCHILD-74FR9245 Datasheet
54Kb / 6P
   9-Bit Bidirectional Transceiver with 3-STATE Outputs
74FR9245MSA FAIRCHILD-74FR9245MSA Datasheet
54Kb / 6P
   9-Bit Bidirectional Transceiver with 3-STATE Outputs
More results

Descripción similar - 74FR9240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
CY74FCT2244T TI1-CY74FCT2244T Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Texas Instruments
CY74FCT2240T TI1-CY74FCT2240T_16 Datasheet
868Kb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16541 FAIRCHILD-74FR16541 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74AC16244 FAIRCHILD-74AC16244 Datasheet
87Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com