Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74FR1074SC Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
74FR1074SC Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 8 page www.fairchildsemi.com 4 Absolute Maximum Ratings(Note 1) Recommended Operating Conditions Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs. DC Electrical Characteristics Storage Temperature −65°C to +150°C Ambient Temperature under Bias −55°C to +125°C Junction Temperature under Bias −55°C to +150°C VCC Pin Potential to Ground Pin −0.5V to +7.0V Input Voltage (Note 2) −0.5V to +7.0V Input Current (Note 2) −30 mA to +5.0 mA Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output −0.5V to V CC Current Applied to Output in LOW State (Max) twice the rated IOL (mA) ESD Last Passing Voltage (Min) 2000V Free Air Ambient Temperature 0 °C to +70°C Supply Voltage +4.5V to +5.5V Symbol Parameter Min Typ Max Units VCC Conditions VIH Input HIGH Voltage 2.0 V Recognized HIGH Signal VIL Input LOW Voltage 0.8 V Recognized LOW Signal VCD Input Clamp Diode Voltage −1.2 V Min IIN = −18 mA VOH Output HIGH 2.5 V Min IOH = −1 mA Voltage 2.4 V Min IOH = −3 mA 2.0 V Min IOH = −24 mA VOL Output LOW Voltage 0.5 V Min IOL = 24 mA IIH Input HIGH Current 5 µAMax VIN = 2.7V IBVI Input HIGH Current 7 µAMax VIN = 7.0V Breakdown Test IIL Input LOW Current −150 µAMax VIN = 0.5V (Dn, CPn) −1.8 mA Max VIN = 0.5V (CDn, SDn) VID Input Leakage Test 4.75 V 0.0 IID = 1.9 µA, All Other Pins Grounded IOD Output Circuit 3.75 V 0.0 VIOD = 150 mV, Leakage Test All Other Pins Grounded IOS Output Short-Circuit Current −100 −275 mA Max VOUT = 0.0V ICEX Output HIGH 50 µAMax VOUT = VCC Leakage Current ICC Power Supply Current 24 mA Max |
Número de pieza similar - 74FR1074SC |
|
Descripción similar - 74FR1074SC |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |