Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR9245MSA Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74FR9245MSA
Descripción Electrónicos  9-Bit Bidirectional Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR9245MSA Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74FR9245MSA Datasheet HTML 1Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 2Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 3Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 4Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 5Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are value beyond which the device may
be damaged or have its useful life impaired. Functional operation under
these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH Voltage
2.4
V
Min
IOH = −3 mA (An, Bn)
2.0
V
Min
IOH = −15 mA (An, Bn)
VOL
Output LOW Voltage
0.55
V
Min
IOL = 64 mA (An, Bn)
IIH
Input HIGH Current
5
µAMax
VIN = 2.7V (OE, T/R)
IBVI
Input HIGH Current
7
µAMax
VIN = 7.0V (OE, T/R)
Breakdown Test
IBVIT
Input HIGH Current
100
µAMax
VIN = 5.5V (An, Bn)
Breakdown Test (I/O)
IIL
Input LOW Current
−250
µAMax
VIN = 0.5V (OE, T/R)
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA
All Other Pins Grounded
IOD
Output Circuit
3.75
µA0.0
VIOD = 150 mV
Leakage Current
All Other Pins Grounded
IIH + IOZH
Output Leakage Current
25
µAMax
VOUT = 2.7V (An, Bn)
IIL + IOZL
Output Leakage Current
−150
µAMax
VOUT = 0.5V (An, Bn)
IOS
Output Short-Circuit Current
−100
−225
mA
Max
VOUT = 0.0V (An, Bn)
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC (An, Bn)
IZZ
Bus Drainage Test
100
µA0.0
VOUT = 5.25V (An, Bn)
ICCH
Power Supply Current
55
80
mA
Max
All Outputs HIGH
ICCL
Power Supply Current
75
115
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
65
85
mA
Max
Outputs 3-STATE
CIN
Input Capacitance
8.0
pF
5.0
OE, T/R
17.0
pF
5.0
An, Bn


Número de pieza similar - 74FR9245MSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR9240 FAIRCHILD-74FR9240 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SC FAIRCHILD-74FR9240SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SPC FAIRCHILD-74FR9240SPC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244SC FAIRCHILD-74FR9244SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Descripción similar - 74FR9245MSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS29863 TI1-SN74ALS29863_15 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
   16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Texas Instruments
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74BCT29864B TI1-SN74BCT29864B Datasheet
176Kb / 7P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH32245 PERICOM-PI74ALVCH32245 Datasheet
161Kb / 7P
   3.3V,32-Bit Bidirectional Transceiver with 3-State Outputs
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com