Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR9245MSA Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74FR9245MSA
Descripción Electrónicos  9-Bit Bidirectional Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR9245MSA Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74FR9245MSA Datasheet HTML 1Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 2Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 3Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 4Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 5Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Extended AC Electrical Characteristics
Note 3: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase,
i.e., all LOW-to-HIGH, HIGH-to-LOW, 3-STATE-to-HIGH, etc.
Note 4: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 5: Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs of the same device. The specifi-
cation applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or HIGH-to-LOW and/or LOW-to-HIGH (tOST). Specifications guaran-
teed with all outputs switching in phase.
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +50V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.0
2.6
3.9
1.0
3.9
ns
tPHL
An to Bn or Bn to An
1.0
1.7
3.9
1.0
3.9
tPZH
Output Enable Time
2.7
5.0
6.5
2.7
6.5
ns
tPZL
2.7
4.3
6.5
2.7
6.5
tPHZ
Output Disable Time
1.7
3.7
6.0
1.7
6.0
ns
tPLZ
1.7
3.6
6.0
1.7
6.0
TA = 0°C to +70°CTA = 0°C to +70°C
VCC = +50V
VCC = +50V
Symbol
Parameter
CL = 50 pF
CL = 250 pF
Units
Eight Outputs Switching
(Note 4)
(Note 3)
Min
Max
Min
Max
tPLH
Propagation Delay
1.0
5.8
2.2
8.1
ns
tPHL
An to Bn or Bn to An
1.05.8
2.28.1
tPZH
Output Enable Time
2.7
8.8
ns
tPZL
2.7
8.8
tPHZ
Output Disable Time
1.7
7.0
ns
tPLZ
1.7
7.0
tOSHL
Pin-to-Pin Skew
2.0
ns
(Note 5)
for HL Transitions
tOSLH
Pin-to-Pin Skew
1.0
ns
(Note 5)
for LH Transitions
tOST
Pin-to-Pin Skew
3.0
ns
(Note 5)
for HL/LH Transitions


Número de pieza similar - 74FR9245MSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR9240 FAIRCHILD-74FR9240 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SC FAIRCHILD-74FR9240SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SPC FAIRCHILD-74FR9240SPC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244SC FAIRCHILD-74FR9244SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Descripción similar - 74FR9245MSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS29863 TI1-SN74ALS29863_15 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
   16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Texas Instruments
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74BCT29864B TI1-SN74BCT29864B Datasheet
176Kb / 7P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH32245 PERICOM-PI74ALVCH32245 Datasheet
161Kb / 7P
   3.3V,32-Bit Bidirectional Transceiver with 3-State Outputs
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com