Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR9245MSA Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74FR9245MSA
Descripción Electrónicos  9-Bit Bidirectional Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR9245MSA Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74FR9245MSA Datasheet HTML 1Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 2Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 3Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 4Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 5Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
Package Number M24B
24-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
Package Number MSA24


Número de pieza similar - 74FR9245MSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR9240 FAIRCHILD-74FR9240 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SC FAIRCHILD-74FR9240SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SPC FAIRCHILD-74FR9240SPC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244SC FAIRCHILD-74FR9244SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Descripción similar - 74FR9245MSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS29863 TI1-SN74ALS29863_15 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
   16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Texas Instruments
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74BCT29864B TI1-SN74BCT29864B Datasheet
176Kb / 7P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH32245 PERICOM-PI74ALVCH32245 Datasheet
161Kb / 7P
   3.3V,32-Bit Bidirectional Transceiver with 3-State Outputs
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com