Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR9245MSA Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74FR9245MSA
Descripción Electrónicos  9-Bit Bidirectional Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR9245MSA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74FR9245MSA Datasheet HTML 1Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 2Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 3Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 4Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 5Page - Fairchild Semiconductor 74FR9245MSA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010914
www.fairchildsemi.com
April 1991
Revised August 1999
74FR9245
9-Bit Bidirectional Transceiver with 3-STATE Outputs
General Description
The 74FR9245 contains nine non-inverting bidirectional
buffers with 3-STATE outputs and is intended for bus-ori-
ented applications. Current sinking capability is 64 mA on
both the A and B Ports. The Transmit/Receive (T/R) input
determines the direction of data flow through the bidirec-
tional transceiver. Transmit (active-HIGH) enables data
from A Ports to B Ports; Receive (active-LOW) enables
data from B Ports to A Ports. The Output Enable input,
when HIGH, disables both A and B Ports by placing them
in a High Z condition.
Features
s Non-inverting buffers
s Bidirectional data path
s A and B output sink capability of 64 mA, source
capability of 15 mA
s Guaranteed pin-to-pin skew, multiple output switching
and 250 pf delay
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
Order Number
Package Number
Package Description
74FR9245SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74FR9245MSA
MSA24
24-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
74FR9245SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide


Número de pieza similar - 74FR9245MSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR9240 FAIRCHILD-74FR9240 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SC FAIRCHILD-74FR9240SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SPC FAIRCHILD-74FR9240SPC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244SC FAIRCHILD-74FR9244SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Descripción similar - 74FR9245MSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS29863 TI1-SN74ALS29863_15 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
   16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Texas Instruments
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74BCT29864B TI1-SN74BCT29864B Datasheet
176Kb / 7P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH32245 PERICOM-PI74ALVCH32245 Datasheet
161Kb / 7P
   3.3V,32-Bit Bidirectional Transceiver with 3-State Outputs
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com