Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX06M Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74LCX06M
Descripción Electrónicos  Low Voltage Hex Inverter/Buffer with Open Drain Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX06M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCX06M Datasheet HTML 1Page - Fairchild Semiconductor 74LCX06M Datasheet HTML 2Page - Fairchild Semiconductor 74LCX06M Datasheet HTML 3Page - Fairchild Semiconductor 74LCX06M Datasheet HTML 4Page - Fairchild Semiconductor 74LCX06M Datasheet HTML 5Page - Fairchild Semiconductor 74LCX06M Datasheet HTML 6Page - Fairchild Semiconductor 74LCX06M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500237
www.fairchildsemi.com
October 1999
Revised February 2005
74LCX06
Low Voltage Hex Inverter/Buffer with Open Drain Outputs
General Description
The LCX06 contains six inverters/buffers. The inputs toler-
ate voltages up to 7V allowing the interface of 5V systems
to 3V systems.
The outputs of the LCX06 are open drain and can be con-
nected to other open drain outputs to implement active
LOW wire AND or active HIGH wire OR functions.
The 74LCX06 is fabricated with advanced CMOS technol-
ogy to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
s 5V tolerant inputs
s 2.3V–3.6V VCC specifications provided
s 3.7 ns tPD max (VCC 3.3V), 10 PA ICC max
s Power down high impedance inputs and outputs
s 24 mA output drive (VCC 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s Functionally compatible with 74 series 05
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package
Package Description
Number
74LCX06M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX06MX_NL
(Note 1)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX06SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX06MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LCX06MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
An
Inputs
On
Outputs


Número de pieza similar - 74LCX06M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX06M FAIRCHILD-74LCX06M Datasheet
78Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
74LCX06M ONSEMI-74LCX06M Datasheet
255Kb / 8P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
January 2008 Rev. 1.8.0
logo
Fairchild Semiconductor
74LCX06MTC FAIRCHILD-74LCX06MTC Datasheet
78Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
74LCX06MTC ONSEMI-74LCX06MTC Datasheet
255Kb / 8P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
January 2008 Rev. 1.8.0
More results

Descripción similar - 74LCX06M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LCX06 ONSEMI-74LCX06 Datasheet
255Kb / 8P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
January 2008 Rev. 1.8.0
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06_01 Datasheet
78Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
74LCX06 FAIRCHILD-74LCX06_08 Datasheet
329Kb / 8P
   74LCX06 Low Voltage Hex Inverter/Buffer with Open Drain Outputs
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
Texas Instruments
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
Texas Instruments
SN74LVC06A-EP TI1-SN74LVC06A-EP Datasheet
287Kb / 9P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
logo
Fairchild Semiconductor
74LCX07MX FAIRCHILD-74LCX07MX Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
Texas Instruments
SN74LVC06A-Q1 TI1-SN74LVC06A-Q1 Datasheet
210Kb / 10P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com