Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX04SJX Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74LCX04SJX
Descripción Electrónicos  Low Voltage Hex Inverter with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX04SJX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCX04SJX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX04SJX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX04SJX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX04SJX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX04SJX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX04SJX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX04SJX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX04SJX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX04SJX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012410
www.fairchildsemi.com
March 1995
Revised February 2005
74LCX04
Low Voltage Hex Inverter with 5V Tolerant Inputs
General Description
The LCX04 contains six inverters. The inputs tolerate volt-
ages up to 7V allowing the interface of 5V systems to 3V
systems.
The 74LCX04 is fabricated with advanced CMOS technol-
ogy to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
s 5V tolerant inputs
s 2.3V–3.6V VCC specifications provided
s 5.2 ns tPD max (VCC 3.3V), 10 PA ICC max
s Power down high impedance inputs and outputs
s
r24 mA output drive (VCC 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds JEDEC 78 conditions
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Leadless Pb-Free DQFN package
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: DQFN package available in Tape and Reel only.
Note 2: “_NL” package available in Tape and Reel only.
Order Number
Package
Package Description
Number
74LCX04M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX04MX_NL
(Note 2)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX04SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX04BQX
(Note 1)
MLP014A
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.0mm
74LCX04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LCX04MTCX_NL
(Note 2)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Número de pieza similar - 74LCX04SJX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LCX04SJ ONSEMI-74LCX04SJ Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX04SJ FAIRCHILD-74LCX04SJ_08 Datasheet
770Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
More results

Descripción similar - 74LCX04SJX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04_08 Datasheet
770Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
   Low voltage CMOS HEX inverter with 5V tolerant inputs
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
September 2001
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com