Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX10MX Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74LCX10MX
Descripción Electrónicos  Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX10MX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LCX10MX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX10MX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX10MX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX10MX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX10MX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX10MX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX10MX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX10MX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 4: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
TA 40qC to 85qCF, RL 500:
Units
VCC 3.3V r 0.3V
VCC 2.7V
VCC 2.5V r 0.2V
CL 50pF
CL 50pF
CL 30pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
4.9
1.5
5.8
1.5
5.9
ns
tPLH
1.5
4.9
1.5
5.8
1.5
5.9
tOSHL
Output to Output Skew (Note 4)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA 25qC
Unit
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC Open, VI 0V or VCC
7pF
COUT
Output Capacitance
VCC 3.3V, VI 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC 3.3V, VI 0V or VCC, f 10 MHz
25
pF


Número de pieza similar - 74LCX10MX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX11 FAIRCHILD-74LCX11 Datasheet
83Kb / 11P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX11 ONSEMI-74LCX11 Datasheet
683Kb / 13P
   Low Voltage Triple 3-Input AND Gate 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX112 FAIRCHILD-74LCX112 Datasheet
99Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LCX112 FAIRCHILD-74LCX112 Datasheet
102Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX112 ONSEMI-74LCX112 Datasheet
205Kb / 11P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Revised February 2001
More results

Descripción similar - 74LCX10MX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX11 FAIRCHILD-74LCX11 Datasheet
83Kb / 11P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX27 FAIRCHILD-74LCX27 Datasheet
92Kb / 8P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
74LCX11 FAIRCHILD-74LCX11_08 Datasheet
798Kb / 13P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX27 FAIRCHILD-74LCX27_05 Datasheet
110Kb / 9P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX11 ONSEMI-74LCX11 Datasheet
683Kb / 13P
   Low Voltage Triple 3-Input AND Gate 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX11MTCX FAIRCHILD-74LCX11MTCX Datasheet
798Kb / 13P
   74LCX11 Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX27 STMICROELECTRONICS-74LVX27 Datasheet
128Kb / 8P
   LOW VOLTAGE CMOS TRIPLE 3 INPUT NOR GATE WITH 5V TOLERANT INPUTS
July 2001
74LVX27 STMICROELECTRONICS-74LVX27_04 Datasheet
212Kb / 11P
   LOW VOLTAGE CMOS TRIPLE 3-INPUT NOR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com