Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX157SJX Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74LCX157SJX
Descripción Electrónicos  Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX157SJX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCX157SJX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX157SJX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX157SJX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX157SJX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX157SJX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX157SJX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX157SJX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX157SJX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX157SJX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
DS012465
www.fairchildsemi.com
May 1995
Revised February 2001
74LCX157
Low Voltage Quad 2-Input Multiplexer
with 5V Tolerant Inputs
General Description
The LCX157 is a high-speed quad 2-input multiplexer. Four
bits of data from two sources can be selected using the
common Select and Enable inputs. The four outputs
present the selected data in the true (noninverted) form.
The LCX157 can also be used as a function generator.
The 74LCX157 is fabricated with advanced CMOS technol-
ogy to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
s 5V tolerant inputs
s 2.3V–3.6V VCC specifications provided
s 5.8 ns tPD max (VCC = 3.3V), 10 µA ICC max
s Power down high impedance inputs and outputs
s
±24 mA output drive (V
CC = 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74LCX157M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74LCX157SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX157MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
I0a–I0d
Source 0 Data Inputs
I1a–I1d
Source 1 Data Inputs
E
Enable Input
S
Select Input
Za–Zd
Outputs


Número de pieza similar - 74LCX157SJX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LCX157 STMICROELECTRONICS-74LCX157 Datasheet
321Kb / 17P
   Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
logo
ON Semiconductor
74LCX157 ONSEMI-74LCX157 Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Toshiba Semiconductor
74LCX157FT TOSHIBA-74LCX157FT Datasheet
189Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-09-15 Rev.2.0
logo
ON Semiconductor
74LCX157M ONSEMI-74LCX157M Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
74LCX157MTC ONSEMI-74LCX157MTC Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
More results

Descripción similar - 74LCX157SJX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX157 STMICROELECTRONICS-74LVX157 Datasheet
197Kb / 9P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LVX157 STMICROELECTRONICS-74LVX157_04 Datasheet
269Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LCX157 STMICROELECTRONICS-74LCX157 Datasheet
321Kb / 17P
   Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
   LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com