Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX16373 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74LCX16373
Descripción Electrónicos  Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16373 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LCX16373 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Functional Description
The LCX16373 contains sixteen D-type latches with
3-STATE standard outputs. The device is byte controlled
with each byte functioning identically, but independent of
the other. Control pins can be shorted together to obtain full
16-bit operation. The following description applies to each
byte. When the Latch Enable (LEn) input is HIGH, data on
the In enters the latches. In this condition the latches are
transparent, i.e. a latch output will change state each time
its I input changes. When LEn is LOW, the latches store
information that was present on the I inputs a setup time
preceding the HIGH-to-LOW transition of LEn. The
3-STATE standard outputs are controlled by the Output
Enable (OEn) input. When OEn is LOW, the standard out-
puts are in the 2-state mode. When OEn is HIGH, the stan-
dard outputs are in the high impedance mode but this does
not interfere with entering new data into the latches.
Logic Diagrams
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.


Número de pieza similar - 74LCX16373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
282Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
74LCX16373G ONSEMI-74LCX16373G Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
74LCX16373MEA ONSEMI-74LCX16373MEA Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results

Descripción similar - 74LCX16373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com