Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDK_MPZ-2 Datasheet(PDF) 3 Page - TDK Electronics

No. de pieza TDK_MPZ-2
Descripción Electrónicos  Chip Beads For Power Line
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

TDK_MPZ-2 Datasheet(HTML) 3 Page - TDK Electronics

  TDK_MPZ-2 Datasheet HTML 1Page - TDK Electronics TDK_MPZ-2 Datasheet HTML 2Page - TDK Electronics TDK_MPZ-2 Datasheet HTML 3Page - TDK Electronics TDK_MPZ-2 Datasheet HTML 4Page - TDK Electronics TDK_MPZ-2 Datasheet HTML 5Page - TDK Electronics TDK_MPZ-2 Datasheet HTML 6Page - TDK Electronics TDK_MPZ-2 Datasheet HTML 7Page - TDK Electronics TDK_MPZ-2 Datasheet HTML 8Page - TDK Electronics TDK_MPZ-2 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
• All specifications are subject to change without notice.
(2/10)
001-05 / 20110928 / e9413_mpz
TYPICAL ELECTRICAL CHARACTERISTICS
Z FREQUENCY CHARACTERISTICS
MPZ0603S SERIES
Z, X, R vs. FREQUENCY CHARACTERISTICS
MPZ0603S220C
MPZ0603S330C
MPZ0603S470C
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
10000
1000
100
10
1
Frequency(MHz)
0
10
20
30
40
50
60
70
80
90
100
MPZ0603S470C
MPZ0603S330C
MPZ0603S220C
1
10
100
1000
10000
Frequency(MHz)
0
10
20
30
40
50
60
70
Z
X
R
1
10
100
1000
10000
Frequency(MHz)
0
5
10
15
20
25
30
35
40
45
Z
X
R
1
10
100
1000
10000
Frequency(MHz)
0
10
20
30
40
50
60
70
80
90
Z
X
R
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
0.5max.
0.38
±0.05
4.0
±0.1
2.0
±0.05
2.0
±0.05
Sprocket hole
Cavity
1.5
+0.1
–0.0
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm


Número de pieza similar - TDK_MPZ-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
More results

Descripción similar - TDK_MPZ-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
   Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
   Chip Beads(SMD) For Power Line
logo
TDK Electronics
MPZ0603 TDK-MPZ0603 Datasheet
334Kb / 13P
   Chip Beads For power line MPZ series
KPZ1608-HR TDK-KPZ1608-HR Datasheet
187Kb / 4P
   Chip beads For power line Soft termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com