Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX241MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74LCX241MTC
Descripción Electrónicos  Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX241MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LCX241MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LCX241MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LCX241MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCX241MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCX241MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCX241MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCX241MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCX241MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCX241MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay. Pulse Width and trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and Recovery Time for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Characteristics; f = 1MHz, tR = tF = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC 3.3 r 0.3V
VCC x 2 at VCC 2.5 r 0.2V
tPZH,tPHZ
GND
Symbol
VCC
3.3V
r 0.3V
2.7V
2.5V
r 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL  0.3V
VOL  0.3V
VOL  0.15V
Vy
VOH  0.3V
VOH  0.3V
VOH  0.15V


Número de pieza similar - 74LCX241MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240 Datasheet
116Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX240 STMICROELECTRONICS-74LCX240 Datasheet
187Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX240 STMICROELECTRONICS-74LCX240 Datasheet
241Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX240 ONSEMI-74LCX240 Datasheet
421Kb / 14P
   Low Voltage Octal Buffer/Line Driver 5V Tolerant Inputs and Outputs
January 2008 Rev. 1.6.0
More results

Descripción similar - 74LCX241MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_07 Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540 ONSEMI-74LCX540 Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
74LCX541 ONSEMI-74LCX541 Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_06 Datasheet
770Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com