Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28022FRZ Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL28022FRZ
Descripción Electrónicos  Precision Digital Power Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28022FRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL28022FRZ Datasheet HTML 3Page - Intersil Corporation ISL28022FRZ Datasheet HTML 4Page - Intersil Corporation ISL28022FRZ Datasheet HTML 5Page - Intersil Corporation ISL28022FRZ Datasheet HTML 6Page - Intersil Corporation ISL28022FRZ Datasheet HTML 7Page - Intersil Corporation ISL28022FRZ Datasheet HTML 8Page - Intersil Corporation ISL28022FRZ Datasheet HTML 9Page - Intersil Corporation ISL28022FRZ Datasheet HTML 10Page - Intersil Corporation ISL28022FRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL28022
7
FN8386.1
April 26, 2013
tIN
Pulse Width Suppression Time at SDA
and SCL Inputs
Any pulse narrower than the max
spec is suppressed.
50
ns
tAA
SCL Falling Edge to SDA Output Data
Valid
SCL falling edge crossing 30% of VCC,
until SDA exits the 30% to 70% of VCC
window.
900
ns
tBUF
Time the Bus Must be Free Before the
Start of a New Transmission
SDA crossing 70% of VCC during a
STOP condition, to SDA crossing 70%
of VCC during the following START
condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge.
Both crossing 70% of VCC.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30%
of VCC to SCL falling edge crossing
70% of VCC.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of
VCC window, to SCL rising edge
crossing 30% of VCC.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 30%
of VCC to SDA entering the 30% to
70% of VCC window.
20
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of
VCC, to SDA rising edge crossing 30%
of VCC.
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to SCL falling
edge. Both crossing 70% of VCC.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30%
of VCC, until SDA enters the 30% to
70% of VCC window.
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VCC
20 + 0.1
x Cb
300
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VCC
20 + 0.1
x Cb
300
ns
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
75
pF
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about
2k
Ω~2.5kΩ.
For Cb = 40pF, max is about
15k
Ω~20kΩ
1k
Ω
Electrical Specifications TA =+25°C,VCC=3.3,VINP= VBUS = 12V, VSENSE= VINP-VINM= 32mV,unless otherwise specified. All voltages
with respect to GND pin. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNIT


Número de pieza similar - ISL28022FRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28022FRZ INTERSIL-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022FRZ RENESAS-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
More results

Descripción similar - ISL28022FRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com