Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LCXZ2245MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
74LCXZ2245MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 11 page 5 www.fairchildsemi.com Dynamic Switching Characteristics Capacitance Symbol Parameter Conditions VCC (V) TA = 25°C Units Typical VOLP Quiet Output Dynamic Peak VOL CL = 50 pF, VIH = 3.3V, VIL = 0V 3.3 0.8 V B to A Quiet Output Dynamic Peak VOL CL = 50 pF, VIH = 3.3V, VIL = 0V 3.3 0.5 A to B VOLV Quiet Output Dynamic Valley VOL CL = 50 pF, VIH = 3.3V, VIL = 0V 2.5 −0.8 V B to A Quiet Output Dynamic Valley VOL CL = 50 pF, VIH = 3.3V, VIL = 0V 3.3 −0.5 A to B Symbol Parameter Conditions Typical Units CIN Input Capacitance VCC = Open, VI = 0V or VCC 7pF CI/O Input/Output Capacitance VCC = 3.3V, VI = 0V or VCC 8pF CPD Power Dissipation Capacitance VCC = 3.3V, VI = 0V or VCC, f = 10 MHz 25 pF |
Número de pieza similar - 74LCXZ2245MTC |
|
Descripción similar - 74LCXZ2245MTC |