Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVQ244 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74LVQ244
Descripción Electrónicos  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ244 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVQ244 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ244 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ244 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ244 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ244 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ244 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ244
Low Voltage Octal Buffer/Line Driver with 3-STATE
Outputs
General Description
The LVQ244 is an octal buffer and line driver designed to be
employed as a memory address driver, clock driver and bus
oriented transmitter or receiver which provides improved PC
board density.
Features
n
Ideal for low power/low noise 3.3V applications
n
Implements patented EMI reduction circuitry
n
Available in SOIC JEDEC, SOIC EIAJ and QSOP
packages
n
Guaranteed simultaneous switching noise level and
dynamic threshold performance
n
Improved latch-up immunity
n
Guaranteed incident wave switching into 75
n
4 kV minimum ESD immunity
Ordering Code:
Order Number
Package Number
Package Description
74LVQ244SC
M20B
20-Lead (0.300" Wide) Molded Small Outline Package, SOIC, JEDEC
74LVQ244SJ
M20D
20-Lead Shrink Molded Small Outline Package, SOIC, EIAJ
74LVQ244QSC
MQA20
20-Lead (0.150" Wide) Molded Shrink Small Outline Package, SSOP, JEDEC
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
IEEE/IEC
DS011356-1
Pin Assignment for SOIC and QSOP
DS011356-2
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011356
www.fairchildsemi.com


Número de pieza similar - 74LVQ244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVQ244 STMICROELECTRONICS-74LVQ244 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED
February 1999
logo
Fairchild Semiconductor
74LVQ244 FAIRCHILD-74LVQ244 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74LVQ244 STMICROELECTRONICS-74LVQ244 Datasheet
256Kb / 12P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74LVQ244M STMICROELECTRONICS-74LVQ244M Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED
February 1999
74LVQ244MTR STMICROELECTRONICS-74LVQ244MTR Datasheet
256Kb / 12P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
More results

Descripción similar - 74LVQ244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com