Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1-1414939-4 Datasheet(PDF) 4 Page - Tyco Electronics

No. de pieza 1-1414939-4
Descripción Electrónicos  Battery Disconnect Switch BDS-A High Current Solutions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1414939-4 Datasheet(HTML) 4 Page - Tyco Electronics

  1-1414939-4 Datasheet HTML 1Page - Tyco Electronics 1-1414939-4 Datasheet HTML 2Page - Tyco Electronics 1-1414939-4 Datasheet HTML 3Page - Tyco Electronics 1-1414939-4 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Battery Disconnect Switch BDS-A
High Current Solutions
High Current Devices
Catalog 1308028-2
Revised 3-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
202
Environmental Conditions
Temperature range, storage
Refer to
Storage in the “Glossary” catalog page 23 or http://relays.tycoelectronics.com/appnotes/
Test
Relevant standard
Testing as per
Dimension
Comments
Vibration resistance 1)
No change in the
IEC 68-2-6 (sine sweep)
22 - 500 Hz, min. 10 g
switching state
> 10
μs
Shock resistance 1)
No change in the
IEC 68-2-27
11 ms, min. 40 g
switching state
> 10
μs
Sealing
EN 60529 (IEC 529)
IP54
1) Values are influenced by system temperature and load current. For further details please consult our Technical Application Engineers.
Ordering Information
Part Numbers
(see table below for coil data)
Circuit/Contact
Contact
Enclosure
Relay Description
Part Number
Arrangement
Material
V23130-C2021-A412
1-1414939-4
1 Form X /1 Double make contact
Silver based
IP54
V23130-C2421-A431
7-1414778-3
1 Form X /1 Double make contact
Silver based
IP54
Coil Versions
Coil Data
Rated Coil
Coil Resistance
Must
Must
for
Voltage
±10%
Operate Voltage
Release Voltage
BDS-A
(V)
(
Ω)
at 20°C (V)
at 20°C (V)
V23130-C2021-****
12
4.7
6.0 (Set-Reset)
6.0 (Set-Reset)
V23130-C2421-****
24
19.9
12.0 (Set-Reset)
12.0 (Set-Reset)
Standard Delivery Packs (orders in multiples of delivery pack)
BDS-A:
24 pieces
04-High Current_p_185-202_2.qxd
17.03.2008
18:51 Uhr
Seite 202


Número de pieza similar - 1-1414939-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
1-1414960-7 MACOM-1-1414960-7 Datasheet
376Kb / 5P
   Single Nano Relay (THT ??THR)
More results

Descripción similar - 1-1414939-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
   Battery Disconnect Switch
Rev. C, 05-Apr-99
SI4719CY VISHAY-SI4719CY Datasheet
80Kb / 8P
   Battery Disconnect Switch
Rev. B, 31-Aug-98
SI4720 VISHAY-SI4720 Datasheet
123Kb / 10P
   Battery Disconnect Switch
Rev. C, 13-Jun-11
SI4720 VISHAY-SI4720_V01 Datasheet
113Kb / 10P
   Battery Disconnect Switch
08-Feb-17
SI4710CY VISHAY-SI4710CY Datasheet
78Kb / 9P
   Battery Disconnect Switch
Rev. A, 20-Dec-98
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
   Battery Disconnect Switch
Rev. B, 21-Jul-97
logo
Cooper Bussmann, Inc.
15968 COOPER-15968 Datasheet
68Kb / 1P
   Battery Disconnect Switch
logo
Littelfuse
75920 LITTELFUSE-75920 Datasheet
216Kb / 2P
   36V MASTER BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc. 072022-A
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com