Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPC-7 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

No. de pieza TPC-7
Descripción Electrónicos  Telpower Compact Fused Disconnect Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COOPER [Cooper Bussmann, Inc.]
Página de inicio  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPC-7 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  TPC-7 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPC-7 Datasheet HTML 2Page - Cooper Bussmann, Inc. TPC-7 Datasheet HTML 3Page - Cooper Bussmann, Inc. TPC-7 Datasheet HTML 4Page - Cooper Bussmann, Inc. TPC-7 Datasheet HTML 5Page - Cooper Bussmann, Inc. TPC-7 Datasheet HTML 6Page - Cooper Bussmann, Inc. TPC-7 Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Bussmann
®
Telpower® Compact Fused Disconnect Switch
AmpColor ID™ System
TPC & TPCDS
Telpower® DC Power Protection Systems
Form No. TPC & TPCDS
Page 5 of 7
Data Sheet: 5023
Telpower’s AmpColor IDTM System Is Easy to Use.
Each Amp rating is represented by a specific color.
Simply label new or existing panels with the appro-
priate AmpColor tags and post the AmpColor chart
nearby. Personnel can quickly and accurately refer-
ence the chart for the appropriate replacement fuse.
AmpColor IDTM tags
AmpColor ID™ Chart
included with each
box of ten TPC
fuses.
TPC Fuses: 3-125A
TPM Fuses: 3-30A
Reference Data Sheet: 5022
for TPM fuse specifications.
Twelve AmpColor
ID™ tags included
with each box of
ten TPC fuses.
Look for Telpower® BLUE™ fuses exclusively from Cooper Bussmann.
3-26-03
SB03069


Número de pieza similar - TPC-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
TPC-71W ADVANTECH-TPC-71W Datasheet
504Kb / 2P
   7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
TPC-71W-N10PA ADVANTECH-TPC-71W-N10PA Datasheet
504Kb / 2P
   7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
TPC-71W-N21AA ADVANTECH-TPC-71W-N21AA Datasheet
504Kb / 2P
   7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
TPC-71W-N21PA ADVANTECH-TPC-71W-N21PA Datasheet
504Kb / 2P
   7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
TPC-71W-N21WA ADVANTECH-TPC-71W-N21WA Datasheet
504Kb / 2P
   7 Touch Panel Computer with ARM Cortex??A9 Processor
5-Jan-2021
More results

Descripción similar - TPC-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPM-3 COOPER-TPM-3 Datasheet
442Kb / 4P
   Telpower짰 Miniature Fused Disconnect Switch
SM363FG COOPER-SM363FG Datasheet
1Mb / 32P
   Safety Module fused disconnect switch
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
   24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
Cooper Bussmann, Inc.
BDS210 COOPER-BDS210 Datasheet
85Kb / 2P
   Disconnect Switch
logo
Littelfuse
48513 LITTELFUSE-48513 Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
logo
Littelfuse
LS7R0250 LITTELFUSE-LS7R0250 Datasheet
916Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
logo
Vishay Siliconix
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com