Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT32373 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74LVT32373
Descripción Electrónicos  Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs (Preliminary)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT32373 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVT32373 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT32373 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT32373 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT32373 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT32373 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT32373 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
www.fairchildsemi.com
2
Connection Diagram
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= HIGH Impedance
Oo = Previous Oo prior to HIGH-to-LOW transition of LE
Functional Description
The LVT32373 and LVTH32373 contain thirty-two D-type latches with 3-STATE standard outputs. The device is byte con-
trolled with each byte functioning identically, but independent of the other. Control pins can be shorted together to obtain full
32-bit operation. The following description applies to each byte. When the Latch Enable (LEn) input is HIGH, data on the Dn
enters the latches. In this condition the latches are transparent, i.e, a latch output will change states each time its D input
changes. When LEn is LOW, the latches store information that was present on the D inputs a setup time preceding the
HIGH-to-LOW transition of LEn. The 3-STATE standard outputs are controlled by the Output Enable (OEn) input. When OEn
is LOW, the standard outputs are in the 2-state mode. When OEn is HIGH, the standard outputs are in the high impedance
mode but this does not interfere with entering new data into the latches.
Pin Names
Description
OEn
Output Enable Input (Active LOW)
LEn
Latch Enable Input
I0–I31
Inputs
O0–O31
3-STATE Outputs
123
456
A
O1
O0
OE1
LE1
I0
I1
B
O3
O2
GND
GND
I2
I3
C
O5
O4
VCC1
VCC1
I4
I5
D
O7
O6
GND
GND
I6
I7
E
O9
O8
GND
GND
I8
I9
F
O11
O10
VCC1
VCC1
I10
I11
G
O13
O12
GND
GND
I12
I13
H
O14
O15
OE2
LE2
I15
I14
J
O17
O16
OE3
LE3
I16
I17
K
O19
O18
GND
GND
I18
I19
L
O21
O20
VCC2
VCC2
I20
I21
M
O23
O22
GND
GND
I22
I23
N
O25
O24
GND
GND
I24
I25
P
O27
O26
VCC2
VCC2
I26
I27
R
O29
O28
GND
GND
I28
I29
T
O30
O31
OE4
LE4
I31
I30
Inputs
Outputs
Inputs
Outputs
CP1
OE1
I0–I7
O0–O7
CP2
OE2
I8–I15
O8–O15
XH
X
Z
XHX
Z
HL
L
L
HL
L
L
HL
H
H
HL
H
H
LL
X
O0
LL
X
O0
Inputs
Outputs
Inputs
Outputs
CP3
OE3
I16–I23
O16–O23
CP4
OE4
I24–I31
O24–O31
XH
X
Z
XHX
Z
HL
L
L
HL
L
L
HL
H
H
HL
H
H
LL
X
O0
LL
X
O0


Número de pieza similar - 74LVT32373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVT32374 FAIRCHILD-74LVT32374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs
74LVT32374G FAIRCHILD-74LVT32374G Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

Descripción similar - 74LVT32373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVT16373 FAIRCHILD-74LVT16373 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs
74VCX32373 FAIRCHILD-74VCX32373 Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
logo
Texas Instruments
SN74LVCH32373A TI-SN74LVCH32373A Datasheet
130Kb / 9P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC32373A TI-SN74LVC32373A Datasheet
248Kb / 11P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
74LVT16373 ONSEMI-74LVT16373 Datasheet
206Kb / 10P
   Low Voltage 16-Bit Transparent Latch 3-STATE Outputs
Revised June 2005
logo
Fairchild Semiconductor
74LVTH32952 FAIRCHILD-74LVTH32952 Datasheet
66Kb / 6P
   Low Voltage 32-Bit Registered Transceiver with 3-STATE Outputs (Preliminary)
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVT373 FAIRCHILD-74LVT373 Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com