Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT32374G Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74LVT32374G
Descripción Electrónicos  Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT32374G Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVT32374G Datasheet HTML 1Page - Fairchild Semiconductor 74LVT32374G Datasheet HTML 2Page - Fairchild Semiconductor 74LVT32374G Datasheet HTML 3Page - Fairchild Semiconductor 74LVT32374G Datasheet HTML 4Page - Fairchild Semiconductor 74LVT32374G Datasheet HTML 5Page - Fairchild Semiconductor 74LVT32374G Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Connection Diagram
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Functional Description
The LVT32374 and LVTH32374 consist of thirty-two edge-triggered flip-flops with individual D-type inputs and 3-STATE true
outputs. The device is byte controlled with each byte functioning identically, but independent of the other. The control pins
can be shorted together to obtain full 32-bit operation. Each byte has a buffered clock and buffered Output Enable common
to all flip-flops within that byte. The description which follows applies to each byte. Each flip-flop will store the state of their
individual D-type inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CPn) transition. With
the Output Enable (OEn) LOW, the contents of the flip-flops are available at the outputs. When OEn is HIGH, the outputs go
to the high impedance state. Operation of the OEn input does not affect the state of the flip-flops.
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= HIGH Impedance
Oo = Previous Oo before HIGH-to-LOW of CP
Pin Names
Description
OEn
Output Enable Input (Active LOW)
CPn
Clock Pulse Input
I0–I31
Inputs
O0–O31
3-STATE Outputs
123
456
A
O1
O0
OE1
CP1
I0
I1
B
O3
O2
GND
GND
I2
I3
C
O5
O4
VCC1
VCC1
I4
I5
D
O7
O6
GND
GND
I6
I7
E
O9
O8
GND
GND
I8
I9
F
O11
O10
VCC1
VCC1
I10
I11
G
O13
O12
GND
GND
I12
I13
H
O14
O15
OE2
CP2
I15
I14
J
O17
O16
OE3
CP3
I16
I17
K
O19
O18
GND
GND
I18
I19
L
O21
O20
VCC2
VCC2
I20
I21
M
O23
O22
GND
GND
I22
I23
N
O25
O24
GND
GND
I24
I25
P
O27
O26
VCC2
VCC2
I26
I27
R
O29
O28
GND
GND
I28
I29
T
O30
O31
OE4
CP4
I31
I30
Inputs
Outputs
Inputs
Outputs
CP1
OE1
I0–I7
O0–O7
CP2
OE2
I8–I15
O8–O15

LH
H

LH
H

LL
L

LL
L
LL
X
Oo
LL
X
Oo
XH
X
Z
XHX
Z
Inputs
Outputs
Inputs
Outputs
CP3
OE3
I16–I23
O16–O23
CP4
OE4
I24–I31
O24–O31

LH
H

LH
H

LL
L

LL
L
LL
X
Oo
LL
X
Oo
XH
X
Z
XHX
Z


Número de pieza similar - 74LVT32374G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVT32373 FAIRCHILD-74LVT32373 Datasheet
160Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs (Preliminary)
74LVT32373GX FAIRCHILD-74LVT32373GX Datasheet
160Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs (Preliminary)
More results

Descripción similar - 74LVT32374G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVT16374 FAIRCHILD-74LVT16374 Datasheet
58Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVT16374 ONSEMI-74LVT16374 Datasheet
207Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Revised June 2005
logo
Texas Instruments
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI-SN74ALVCH32374 Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI1-SN74ALVCH32374_13 Datasheet
791Kb / 12P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUCH32374 TI-SN74AUCH32374 Datasheet
285Kb / 11P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC32374A TI1-SN74LVC32374A Datasheet
413Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com