Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVTH125SJX Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74LVTH125SJX
Descripción Electrónicos  Low Voltage Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH125SJX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVTH125SJX Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 10: All typical values are at VCC
3.3V, TA
25
qC.
Note 11: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 12)
Note 12: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883B, Method 3012.
Symbol
Parameter
TA 40qC to 85qC
Units
CL 50 pF, RL 500:
VCC 3.3V r 0.3V
VCC 2.7V
Min
Typ
Max
Min
Max
(Note 10)
tPLH
Propagation Delay Data to Output
1.0
3.5
1.0
4.5
ns
tPHL
1.0
3.9
1.0
4.9
tPZH
Output Enable Time
1.0
4.0
1.0
5.5
ns
tPZL
1.1
4.0
1.1
5.4
tPHZ
Output Disable Time
1.5
4.5
1.5
5.7
ns
tPLZ
1.3
4.5
1.3
4.0
tOSHL
Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 11)
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC 0V, VI 0V or VCC
4pF
COUT
Output Capacitance
VCC 3.0V, VO 0V or VCC
8pF


Número de pieza similar - 74LVTH125SJX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVTH125SJ FAIRCHILD-74LVTH125SJ Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74LVTH125SJ ONSEMI-74LVTH125SJ Datasheet
227Kb / 9P
   Low Voltage Quad Buffer
January 2008 Rev. 1.4.0
More results

Descripción similar - 74LVTH125SJX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com