Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ90A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza SMAJ90A
Descripción Electrónicos  400 Watts Suface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ90A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMAJ90A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ90A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ90A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ90A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ90A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMAJ90A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMAJ90A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Test
Maximum
Current
Reverse Leakage
IT
@ VWM
Min
Max
(mA)
ID (uA)
SMAJ40
CQ
40
44.4
54.3
1
71.4
5.6
1
SMAJ40A
CR
40
44.4
49.1
1
64.5
6.2
1
SMAJ43
CS
43
47.8
58.4
1
76.7
5.2
1
SMAJ43A
CT
43
47.8
52.8
1
69.4
5.8
1
SMAJ45
CU
45
50
61.1
1
80.3
5.0
1
SMAJ45A
CV
45
50
55.3
1
72.7
5.5
1
SMAJ48
CW
48
53.3
65.1
1
85.5
4.7
1
SMAJ48A
CX
48
53.3
58.9
1
77.4
5.2
1
SMAJ51
CY
51
56.7
69.3
1
91.1
4.4
1
SMAJ51A
CZ
51
56.7
62.7
1
82.4
4.9
1
SMAJ54
RD
54
60
73.3
1
96.3
4.2
1
SMAJ54A
RE
54
60
66.3
1
87.1
4.6
1
SMAJ58
RF
58
64.4
78.7
1
103
3.9
1
SMAJ58A
RG
58
64.4
71.2
1
93.6
4.3
1
SMAJ60
RH
60
66.7
81.5
1
107
3.7
1
SMAJ60A
RK
60
66.7
73.7
1
96.8
4.1
1
SMAJ64
RL
64
71.1
86.9
1
114
3.5
1
SMAJ64A
RM
64
71.1
78.6
1
103
3.9
1
SMAJ70
RN
70
77.8
95.1
1
125
3.2
1
SMAJ70A
RP
70
77.8
86
1
113
3.5
1
SMAJ75
RQ
75
83.3
102
1
134
3.0
1
SMAJ75A
RR
75
83.3
92.1
1
121
3.3
1
SMAJ78
RS
78
86.7
106
1
139
2.9
1
SMAJ78A
RT
78
86.7
95.8
1
126
3.2
1
SMAJ85
RU
85
94.4
115
1
151
2
1
SMAJ85A
RV
85
94.4
104
1
137
2.2
1
SMAJ90
RW
90
100
122
1
160
1.9
1
SMAJ90A
RX
90
100
111
1
146
2.1
1
SMAJ100
RY
100
111
136
1
179
1.7
1
SMAJ100A
RZ
100
111
123
1
162
1.9
1
SMAJ110
SD
110
122
149
1
196
1.6
1
SMAJ110A
SE
110
122
135
1
177
1.7
1
SMAJ120
SF
120
133
163
1
214
1.4
1
SMAJ120A
SG
120
133
147
1
193
1.6
1
SMAJ130
SH
130
144
176
1
231
1.3
1
SMAJ130A
SK
130
144
159
1
209
1.5
1
SMAJ150
SL
150
167
204
1
266
1.1
1
SMAJ150A
SM
150
167
185
1
243
1.3
1
SMAJ160
SN
160
178
218
1
287
1
1
SMAJ160A
SP
160
178
197
1
259
1.2
1
SMAJ170
SQ
170
189
231
1
304
1
1
SMAJ170A
SR
170
189
209
1
275
1.1
1
SMAJ188
ST
188
209
255
1
344
0.9
1
SMAJ188A
SS
188
209
231
1
328
0.91
1
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25℃ per Fig. 2
2. Mounted on 5 x 5mm copper pads to each terminal
3. Lead temperature at TL=75℃
4. Measure on 8.3ms single half sine-wave duty cycle=4 pulses per minutes maximum
5. Peak pulse power waveform is 10/1000 us
6. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Version:I13
Maximum
Clamping
Voltage at IPPM
Vc(V)
(Note5)
Maximum
Peak Pulse
Surge Current
IPPM
(A)(Note5)
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
at IT
Working
Peak
Reverse
Voltage
VWM


Número de pieza similar - SMAJ90A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
SMAJ90A JGD-SMAJ90A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
SMAJ90A FS-SMAJ90A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ90A SOCAY-SMAJ90A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ90A LUGUANG-SMAJ90A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ90A SUNMATE-SMAJ90A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results

Descripción similar - SMAJ90A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com