Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1935B Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS1935B
Descripción Electrónicos  1.9A / 1.2MHz Boost DC to Dc Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1935B Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1935B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS1935B
1.9A / 1.2MHz Boost DC to Dc Converter
4/8
Version: A12
Application Information
Setting the Output Voltage
Application circuit item shows the basic application circuit with AX5511 adjustable output version. The external
resistor sets the output voltage according to the following equation:
)
R1
R2
+
(1
×
1.238V
=
V
OUT
For most applications, R2 is a suggested a value by 390K~820KΩ. Place the resistor-divider as close to the IC as
possible to reduce the noise sensitivity.
Under Voltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an under voltage lockout is included that disables the
device, if the input voltage falls below (2.35V-130mV).
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input
capacitor impedance at the switching frequency shall be less than input source impedance to prevent high
frequency switching current passing to the input. A low ESR input capacitor sized for maximum RMS current must
be used. Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and
small temperature coefficients. A 10µF ceramic capacitor for most applications is sufficient. For a lower output
power requirement application, this value can be decreased.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure regulation loop stability. The
output capacitor must have low impedance at the switching frequency. Ceramic capacitors with X5R or X7R
dielectrics are recommended due to their low ESR and high ripple current. A 4.7uF ceramic capacitors works for
most of the applications. Higher capacitor values can be used to improve the load transient response.
Layout Guide


Número de pieza similar - TS1935B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS1935B TSC-TS1935B Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
TS1935BCX5RFG TSC-TS1935BCX5RFG Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
More results

Descripción similar - TS1935B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS1935B TSC-TS1935B Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
logo
AiT Semiconductor Inc.
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Taiwan Semiconductor Co...
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
   MicroPower VFM Boost DC to Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com