Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS2024 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS2024
Descripción Electrónicos  1.5A Single Channel USB Power Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2024 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2024 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2024 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2024 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2024 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2024 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2024 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2024 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2024 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS2024
1.5A Single Channel USB Power Switch
2/8
Version: A11
Electrical Characteristics
(VIN=5V, CIN=COUT=1uF, TA=25°C, unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Input Voltage
VIN
3.2
--
6.5
V
Supply Current
IS
--
40
--
uA
Shutdown Supply Current
ISD
VIN=3.6V, VEN=0V
--
0.1
1
uA
Current Limit Threshold
ILIMIT
1.6
2.5
3.2
A
Output MOSFET Resistance
RDS(ON)
--
85
--
m
Output Turn-On Rise Time
TON
RLOAD=10
each output
--
400
--
uS
Output Turn-Off Fall Time
TOFF
RLOAD=10
each output
--
0.7
20
uS
EN Input Threshold
VEN
low-to-high transition
--
--
1.2
V
High-to-low transition
0.4
--
--
Output Leakage Current
ILEAKAGE
EN=0, VOUT=0V
--
0.5
1
uA
Over Temperature Shutdown
Threshold
OTP
TJ Increasing
--
145
--
°C
TJ Decreasing
--
125
--
°C
Under Voltage Lockout
UVLO
--
2.3
--
V
Under Voltage Lockout Hysteresis
UVLOHYTERESIS IOUT =0m~150mA
--
200
--
mV
Over Current Flag Response Delay
FLGDELAY
VOUT=0V until FLG low
4
9
--
mS
FLG Output Low Voltage
VFLG-Low
--
--
0.4
V
FLG Off-State Current
IFLG-OFF
--
--
1
uA
Note: Specifications are production tested at TA=25. Specifications over the -40°C to 85°C operatin g temperature
range are assured by design. Characterization and correlation with statistical quality controls (SQC).


Número de pieza similar - TS2024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
TS2024 BOTHHAND-TS2024 Datasheet
285Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
More results

Descripción similar - TS2024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Intergrations Co...
AIC6164 AIC-AIC6164 Datasheet
181Kb / 9P
   1.5A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
   1A Single Channel USB Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com