Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS2508A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS2508A
Descripción Electrónicos  3A / 330KHz PWM Buck Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2508A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2508A_12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS2508A
3A / 330KHz PWM Buck Converter
2/8
Version: C12
Electrical Specifications (VIN=12V, Ta=25
oC unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Feedback Voltage
VFB
IOUT =0.1A
0.784
0.800
0.816
V
Quiescent Current
Iq
VFB =1.2V force driver off
--
3
5
mA
Feedback Bias Current
IFB
IOUT =0.1A
--
0.1
0.5
uA
Shutdown Supply Current
ISD
VEN =0V
--
2
10
uA
OCSET pin bias current
IOCSET
110
130
150
uA
Switch Current
ISW
4
--
--
A
Line Regulation
∆VOUT/VOUT
VCC = 5V~20V, IOUT =0.2A
--
1
2
%
Load Regulation
IOCSET
IOUT = 0.1 to 3A
--
0.3
0.5
%
Oscillation Frequency
FOSC
SW pin
260
330
400
KHz
EN Pin Logic input
threshold voltage
VSH
High (regulator ON)
2.0
--
--
V
VSL
Low (regulator OFF)
--
--
0.8
EN Pin Input Current
ISH
VEN =2.5V (ON)
--
20
--
uA
ISL
VEN =0.3V (OFF)
--
-10
--
uA
Soft-Start Time
TSS
0.3
4
8
ms
Internal P-MOS RDSON
RDSON
VCC = 5V, VFB = 0V
--
90
140
mΩ
VCC = 12V, VFB = 0V
--
55
90
mΩ
Efficiency
EFFI
VCC = 12V,
VOUT = 5V
IOUT = 2A
--
92
--
%

IOUT = 3A-- 91--
IOUT = 3A
--
91
--
Block Diagram
Pin Assignment
Name
Description
Name
Description
FB
Feedback pin
Vss
GND pin
EN
H:Normal operation (Step-down)
L:Step-down operation stopped (All circuit
deactivated)
Vss
GND pin
OCSET
Add an external resistor to set max switch output
current.
SW
Switch pin. Connect external
inductor & diode here
Vcc
IC power supply pin
SW
Switch pin. Connect external
inductor & diode here


Número de pieza similar - TS2508A_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2508ACSRL TSC-TS2508ACSRL Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
More results

Descripción similar - TS2508A_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
   2A / 330KHz PWM Buck Converter
logo
Unisonic Technologies
SR2803 UTC-SR2803 Datasheet
211Kb / 6P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
SR2803 UTC-SR2803_15 Datasheet
226Kb / 5P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
logo
Analog Microelectronics
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
logo
Taiwan Semiconductor Co...
TS2509 TSC-TS2509_13 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2507 TSC-TS2507 Datasheet
372Kb / 9P
   0.5A / 330KHz PWM Buck Controller
TS2509 TSC-TS2509 Datasheet
497Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
   3A / 380KHz PWM Buck Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com