Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVX245 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74LVX245
Descripción Electrónicos  Low Voltage Octal Bidirectional Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX245 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVX245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX245 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
Package Number M20B


Número de pieza similar - 74LVX245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
100Kb / 8P
   Octal Bus Transceiver With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
STMicroelectronics
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
National Semiconductor ...
74LVX245M NSC-74LVX245M Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
More results

Descripción similar - 74LVX245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245_01 Datasheet
69Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVT2245 ONSEMI-74LVT2245 Datasheet
294Kb / 11P
   Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
74AC245 ONSEMI-74AC245 Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245 Datasheet
94Kb / 6P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LCXR2245 ONSEMI-74LCXR2245 Datasheet
435Kb / 14P
   Low Voltage Bidirectional Transceiver
March 2008 Rev. 1.2.0
74VCX245 ONSEMI-74VCX245 Datasheet
654Kb / 13P
   Low Voltage Bidirectional Transceiver
Revised December 2013
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com